Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3092FN Datasheet(PDF) 11 Page - STMicroelectronics

Part # L3092FN
Description  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092FN Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L3092FN Datasheet HTML 7Page - STMicroelectronics L3092FN Datasheet HTML 8Page - STMicroelectronics L3092FN Datasheet HTML 9Page - STMicroelectronics L3092FN Datasheet HTML 10Page - STMicroelectronics L3092FN Datasheet HTML 11Page - STMicroelectronics L3092FN Datasheet HTML 12Page - STMicroelectronics L3092FN Datasheet HTML 13Page - STMicroelectronics L3092FN Datasheet HTML 14Page - STMicroelectronics L3092FN Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
If, for example, the loop resistance is 400
Ω the
GDK output will be 0 only when the limiting current
value is 40 or 25mA.
The card controller can program consecutive Test
Mode and Conversation Mode with different limiting
current in order to individuate the range of loop re-
sistance as shown in the flow chart of fig. 6.
The information of the Loop Resistance Range
can be very useful to optimize the transmission
characteristics of the Line Card to each line.
For example, if a second generation COMBO like
TS5070 is used the Card Controller can use this
information to change the Tx, RX Gains and echo
cancellation characteristics into the programma-
ble COMBO improving the quality of the system.
Limiting Current
GDK = 0
GDK = 1
60mA
40mA
25mA
(0 – 300) ohm
(0 – 650) ohm
(0 – 1300) ohm
>300 ohm
>650 ohm
>1300 ohm
Figure 6: Procedure for Loop Resistance Evaluation.
L3000N - L3092
11/32


Similar Part No. - L3092FN

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
L30 KEXIN-L30 Datasheet
41Kb / 2P
   General Purpose Double Diode
logo
Powerbox
L30 POWERBOX-L30 Datasheet
646Kb / 1P
   1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Texas Instruments
L30-Q1 TI1-L30-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
logo
STMicroelectronics
L3000 STMICROELECTRONICS-L3000 Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
More results

Similar Description - L3092FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2053 STMICROELECTRONICS-AN2053 Datasheet
323Kb / 15P
   SLIC protection for both classical and new networks
logo
Cherry Semiconductor Co...
JW-T0210 CHERRY-JW-T0210 Datasheet
87Kb / 2P
   Optimized for both right and left-handed operation
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
   Ideal for both stationary and mobile applications
12/2/13
logo
STMicroelectronics
L3234 STMICROELECTRONICS-L3234 Datasheet
457Kb / 26P
   HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
logo
OmniVision Technologies...
OV16885-4C OMNIVISION-OV16885-4C Datasheet
680Kb / 2P
   16-Megapixel Second-Generation PureCel짰Plus-S Sensor for Front-Facing Mobile Applications
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
   Second generation AMD embedded
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
   SECOND-GENERATION POWER FACTOR CONTROLLER
logo
Intel Corporation
IXP425 INTEL-IXP425 Datasheet
273Kb / 4P
   Optimized for Broadband Applications
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15_1 Datasheet
1,015Kb / 99P
   Second generation ASIC replacement technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com