Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8586ETA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8586ETA
Description  Single 1.2A USB Switch in 3mm x 3mm TDFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8586ETA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8586ETA Datasheet HTML 1Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 2Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 3Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 4Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 5Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 6Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 7Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 8Page - Maxim Integrated Products MAX8586ETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Single 1.2A USB Switch in
3mm x 3mm TDFN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VON = VSEL = VENRESET = 5V, RISET = 26kΩ to GND, RFAULT = 100kΩ pullup to VIN, COUT = 0.1µF, TA = -40°C to +85°C.
Typical values are at TA = +25°C, unless otherwise specified. Note 1)
Note 1: All devices are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by
design.
Note 2: The output voltage at which the device transitions from short-circuit current limit to continuous current limit.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-On Delay
ROUT = 10Ω, COUT = 1µF, measured from
ON rising to 10% of VOUT, does not include
rise time
0.5
1.5
4.0
ms
Output Rise Time
ROUT = 10Ω, COUT = 1µF, measured from
10% to 90% of VOUT
5.5
ms
Turn-Off Delay from ON
ROUT = 10Ω, COUT = 1µF measured from
ON falling to 90% of VOUT
100
1000
µs
Output Fall Time
ROUT = 10Ω, COUT = 1µF, measured from
90% to 10% of VOUT
4ms
Thermal-Shutdown Threshold
15
°C hysteresis (typ)
+160
°C
VIN = 2.75V to 4.0V
1.6
ON, SEL, ENRESET Logic Input High Voltage
VIN = 4.0V to 5.5V
2.0
V
VIN = 2.75V to 4.0V
0.6
ON, SEL, ENRESET Logic Input Low Voltage
VIN = 4.0V to 5.5V
0.8
V
Logic Input Current
TA = +25°C-1
+1
µA
FAULT Output Low Voltage
ISINK = 1mA
0.4
V
FAULT Output High Leakage Current
VIN = 5.5V, TA = +25°C1
µA
ISET Current-Limit Trip Point
RISET = 26kΩ
600
mV
ISET External Resistance Range
26
60
k
Auto-Restart Current
In latched-off state, VOUT = 0V
10
25
60
mA
Auto-Restart Threshold
In latched-off state, VOUT rising
0.4
0.5
0.6
V
Auto-Restart Delay
In latched-off state, VOUT>1V
8
20
40
ms


Similar Part No. - MAX8586ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8586ETA MAXIM-MAX8586ETA Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586ETA/V MAXIM-MAX8586ETA/V Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586ETA/V++ MAXIM-MAX8586ETA/V+ Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
More results

Similar Description - MAX8586ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX1558 MAXIM-MAX1558 Datasheet
210Kb / 12P
   Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
Rev 0; 6/04
MAX1558 MAXIM-MAX1558_V01 Datasheet
243Kb / 14P
   Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
2008
logo
Linear Technology
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
logo
Maxim Integrated Produc...
MAX38904BEVK MAXIM-MAX38904BEVK Datasheet
414Kb / 6P
   Evaluates the MAX38904B IC in a 10-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX1574 MAXIM-MAX1574 Datasheet
214Kb / 9P
   180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN
19-3117; Rev 0; 12/03
MAX38908EVK MAXIM-MAX38908EVK Datasheet
531Kb / 7P
   Evaluates the MAX38908 IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 8/19
MAX38904AEVK MAXIM-MAX38904AEVK Datasheet
411Kb / 6P
   Evaluates the MAX38904A IC in a 14-pin (3mm x 3mm) TDFN
Rev 0; 2/19
MAX25302EVKIT MAXIM-MAX25302EVKIT Datasheet
455Kb / 7P
   Evaluates the MAX25302A/MAX25302B IC in a 10-pin (3mm x 3mm) TDFN
2021
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com