Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1165L Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW1165L
Description  AUDIO PROCESSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1165L Datasheet(HTML) 3 Page - New Japan Radio

  NJW1165L Datasheet HTML 1Page - New Japan Radio NJW1165L Datasheet HTML 2Page - New Japan Radio NJW1165L Datasheet HTML 3Page - New Japan Radio NJW1165L Datasheet HTML 4Page - New Japan Radio NJW1165L Datasheet HTML 5Page - New Japan Radio NJW1165L Datasheet HTML 6Page - New Japan Radio NJW1165L Datasheet HTML 7Page - New Japan Radio NJW1165L Datasheet HTML 8Page - New Japan Radio NJW1165L Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
NJW1165
-3 -
s
s
s
s ABSOLUTE MAXIMUM RATING
(Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
15
V
Power Dissipation
PD
700
mW
Operating Temperature Range
Topr
-20 to +75
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
s ELECTRICAL CHARACTERISTICS
(Ta=25°C, V+=9V, Rg=600
Ω, RL=47kΩ, Vin=100mVrms/1kHz unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
7.5
9.0
13.0
V
Supply Current
ICC
No Signal
-
13
25
mA
Reference Voltage
VREF
No Signal
4.0
4.5
5.0
V
Maximum Input Voltage
VIM
VOL=-20dB,THD=1%
2.8
3.0
-
Vrms
Maximum Output Voltage
VOM
OUTPUT
VOL=0dB,THD=1%
-
2.5
-
Vrms
Channel Balance1
GCB
VOL=0dB
-1.5
0.0
1.5
dB
Balance Boost A
BABST
CHS=”0”, BAL=”11111”
-2.0
0.0
2.0
dB
Balance Cut A
BACUT
CHS=”1”, BAL=”11111”
Vin = 1Vrms
-
-
-70
dB
Balance Boost B
BBBST
CHS=”1”, BAL=”11111”
-2.0
0.0
2.0
dB
Balance Cut B
BBCUT
CHS=”0”, BAL=”11111”
Vin = 1Vrms
-
-
-70
dB
Total Harmonic Distortion
THD
Vo=0.5Vrms
BW=400Hz to 30kHz
-
-
0.5
%
Maximum Gain
GVMAX
VOL= 0dB
-2.0
0.0
2.0
dB
Minimum Gain
GVMIN
VOL= MUTE
-
-
-70
dB
Channel Separation
CS
Vin = 2Vrms
Ain
→ Bout, Bin → Aout
-
-
-70
dB
Output Noise 1
VNO1
VOL = 0dB
BW=400Hz to 30kHz
-
-
-90
(31.6)
-85
(56.2)
dBV
(
µVrms)
Output Noise 2
VNO2
VOL = MUTE
BW = 400Hz to 30kHz
-
-
-106
(5.0)
-96
(15.8)
dBV
(
µVrms)
Logic Output: High
4.5
-
5.0
AUX Output Voltage
VAUX
Logic Output: Low
0
-
0.3
V
BW: Band Width


Similar Part No. - NJW1165L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160L NJRC-NJW1160L Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160M NJRC-NJW1160M Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJW1161L NJRC-NJW1161L Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
More results

Similar Description - NJW1165L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
logo
Analog Devices
SST-MELODY-DAP AD-SST-MELODY-DAP_15 Datasheet
589Kb / 24P
   Audio Processor
logo
New Japan Radio
NJW1144 NJRC-NJW1144 Datasheet
774Kb / 24P
   AUDIO PROCESSOR
NJW1145 NJRC-NJW1145 Datasheet
567Kb / 24P
   AUDIO PROCESSOR
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com