Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C2308-6W Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C2308-6W
Description  3.3V Zero-Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2308-6W Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C2308-6W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2308-6W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2308-6W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2308-6W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2308-6W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2308-6W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2308-6W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2308-6W Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2308-6W Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS8384D
06/26/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2308
3.3V Zero Delay Buffer
ElectricalCharacteristicsforCommercialTemperatureDevices
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
ti
n
U
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
I
)
4
(

8
.
0
V
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
I
)
4
(
0
.
2
I L
I
t
n
e
rr
u
C
W
O
L
t
u
p
n
IV N
I =V
0
0
5
µA
I H
I
t
n
e
rr
u
C
H
G
I
H
t
u
p
n
IV N
I =V D
D
0
0
1
V L
O
e
g
a
tl
o
V
W
O
L
t
u
p
t
u
O
)
5
(
I L
O
)
6
–
,
4
–
,
3
–
,
2
–
,
1
–
(
A
m
8
=
I L
O
)
H
1
-(
A
m
2
1
=
4
.
0
V
V H
O
e
g
a
tl
o
V
H
G
I
H
t
u
p
t
u
O
)
5
(
I H
O
)
6
–
,
4
–
,
3
–
,
2
–
,
1
–
(
A
m
8
–
=
I H
O
)
H
1
-(
A
m
2
1
–
=
4
.
2
I D
D
)
e
d
o
m
D
P
(t
n
e
rr
u
C
y
l
p
p
u
S
n
w
o
D
r
e
w
o
Pz
H
M
0
=
F
E
R
2
1
µA
I D
D
t
n
e
rr
u
C
y
l
p
p
u
S
,z
H
M
6
6
.
6
6
,s
t
u
p
t
u
o
d
e
d
a
o
l
n
U
V
t
a
st
u
p
n
i
t
c
el
e
S
D
D
D
N
G
r
o
9
3
A
m
I D
D
t
n
e
rr
u
C
y
l
p
p
u
S
t
c
el
e
S
z
H
M
0
0
1
st
u
p
t
u
o
d
e
d
a
o
l
n
U
V
@
st
u
p
n
I
D
D
D
N
G
r
o
4
5
n
i
Pl
a
n
g
i
Sn
o
it
p
i
r
c
s
e
D
1F
E
R
)
1
(
t
u
p
n
i
k
c
o
l
c
m
u
rt
c
e
p
s
d
a
e
r
p
s
s
w
o
ll
a
,t
u
p
n
i
t
n
a
r
el
o
t
V
5
,y
c
n
e
u
q
e
rf
e
c
n
e
r
e
f
e
r
t
u
p
n
I
21
A
K
L
C
)
2
(
A
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
32
A
K
L
C
)
2
(
A
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
4V D
D
y
l
p
p
u
s
V
3
.
3
5D
N
Gd
n
u
o
r
G
61
B
K
L
C
)
2
(
B
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
72
B
K
L
C
)
2
(
B
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
82
S )3
(
2
ti
b
,t
u
p
n
i
t
c
el
e
S
91
S )3
(
1
ti
b
,t
u
p
n
i
t
c
el
e
S
0
13
B
K
L
C
)
2
(
B
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
1
14
B
K
L
C
)
2
(
B
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
2
1D
N
Gd
n
u
o
r
G
3
1V D
D
y
l
p
p
u
s
,
V
3
.
3
4
13
A
K
L
C
)
2
(
A
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
5
14
A
K
L
C
)
2
(
A
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
6
1K
B
Ft
u
p
n
i
k
c
a
b
d
e
e
f
L
L
P
PinDescription


Similar Part No. - PI6C2308-6W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308A-1 PERICOM-PI6C2308A-1 Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308A-1H PERICOM-PI6C2308A-1H Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308A-1HL PERICOM-PI6C2308A-1HL Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308A-1HLI PERICOM-PI6C2308A-1HLI Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
More results

Similar Description - PI6C2308-6W

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com