Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14070BDG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14070BDG
Description  CMOS SSI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14070BDG Datasheet(HTML) 5 Page - ON Semiconductor

  MC14070BDG Datasheet HTML 1Page - ON Semiconductor MC14070BDG Datasheet HTML 2Page - ON Semiconductor MC14070BDG Datasheet HTML 3Page - ON Semiconductor MC14070BDG Datasheet HTML 4Page - ON Semiconductor MC14070BDG Datasheet HTML 5Page - ON Semiconductor MC14070BDG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC14070B, MC14077B
http://onsemi.com
5
PACKAGE DIMENSIONS
PDIP−14
P SUFFIX
CASE 646−06
ISSUE N
17
14
8
B
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
18.80
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
M
−−−
10
−−−
10
N
0.015
0.039
0.38
1.01
__
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS
WHEN FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE
MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
F
HG
D
K
C
SEATING
PLANE
N
−T−
14 PL
M
0.13 (0.005)
L
M
J
0.290
0.310
7.37
7.87
SOIC−14
D SUFFIX
CASE 751A−03
ISSUE G
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__


Similar Part No. - MC14070BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14070BDG ONSEMI-MC14070BDG Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
MC14070BDG ONSEMI-MC14070BDG Datasheet
126Kb / 7P
   CMOS SSI Quad Exclusive ?쏰R??and ?쏯OR??Gates
June, 2011 ??Rev. 8
MC14070BDG ONSEMI-MC14070BDG Datasheet
94Kb / 5P
   Quad Exclusive
August, 2014 ??Rev. 10
More results

Similar Description - MC14070BDG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCY74027N ETC1-MCY74027N Datasheet
229Kb / 3P
   SSI CMOS
MCY74066N ETC-MCY74066N Datasheet
194Kb / 3P
   SSI CMOS
MCY74013 ETC-MCY74013 Datasheet
223Kb / 3P
   SSI CMOS
MCY74019 ETC-MCY74019 Datasheet
154Kb / 2P
   SSI CMOS
MCY74069N ETC1-MCY74069N Datasheet
131Kb / 2P
   SSI, CMOS BRAMKA ALUMINIOWA
MCY74049N ETC1-MCY74049N Datasheet
170Kb / 3P
   SSI CMOS Bramka aluminiowa
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
MC14070B ONSEMI-MC14070B_11 Datasheet
126Kb / 7P
   CMOS SSI Quad Exclusive ?쏰R??and ?쏯OR??Gates
June, 2011 ??Rev. 8
logo
Baumer IVO GmbH & Co. K...
G1M2H IVO-G1M2H Datasheet
630Kb / 4P
   Absolute encoders - SSI
GE400 IVO-GE400 Datasheet
592Kb / 4P
   Absolute encoders - SSI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com