Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVS71B24S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MVS71B24S
Description  DIP 14 SERIES REED RELAYS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MVS71B24S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MVS71B24S Datasheet HTML 1Page - List of Unclassifed Manufacturers MVS71B24S Datasheet HTML 2Page - List of Unclassifed Manufacturers MVS71B24S Datasheet HTML 3Page - List of Unclassifed Manufacturers MVS71B24S Datasheet HTML 4Page - List of Unclassifed Manufacturers MVS71B24S Datasheet HTML 5Page - List of Unclassifed Manufacturers MVS71B24S Datasheet HTML 6Page - List of Unclassifed Manufacturers MVS71B24S Datasheet HTML 7Page - List of Unclassifed Manufacturers MVS71B24S Datasheet HTML 8Page - List of Unclassifed Manufacturers MVS71B24S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DIP 14 SERIES REED RELAYS
DESCRIPTION
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
RATINGS (@ 25˚ C)
APPLICATIONS
FEATURES
APPROVALS
SRC Device’s epoxy molded DIP 14 Series offers a variety of contacts and schematics to meet the needs of a wide
range of applications. It features the MVS2/MVS7 models designed for high reliability. The MSS2/7 DIPs are
1-Form-A relays equipped with the MYAD® all-position mounting switch. With switching up to 50 Watts and a
4000V isolation option, the DIP 14 Series is a relay package that allows for automatic insertion directly on PCBs
as well as insertion into standard 14 Pin DIP sockets.
s All position mercury contacts on some models
s Stable contact resistance over life
s 4000 Vac input-output isolation
s Bounce free operation
s High insulation resistance
s Switching speed of 300Hz
s Long life > 1 billion operations
s Epoxy molded for automatic board processing
s FCC68 compatible (MSS2 & MSS7)
s Automatic test equipment
s Process control
s Industrial
s Telecom
s Datacom
s High-end security systems
s Signaling
s Metering
s UL approval (DSS7 & PRMA)
s EN 60950 certified (MVS7, DSS7 & MSS7)
s CSA approval (PRMA)
Parameter
Min
Typ
Max
Unit
Switching Voltage
PRMA/PRME/DSS7
200
Volts
PRMA Form C
100
Volts
MSS2/MSS7
500
Volts
MVS2/MVS7
1000
Volts
Switching Current
PRMA/PRME/DSS7
0.5
Amps
PRMA Form C
0.25
Amps
MSS2/MSS7/MVS2/MVS7
2
Amps
Carry Current
PRMA/PRME/DSS7
2
Amps
PRMA Form C
0.4
Amps
MSS2/MSS7
3
Amps
MVS2/MVS7
3
Amps
Switching Frequency
PRMA/PRME/DSS7
500
Hz
PRMA Form C
50
Hz
MSS2/MSS7/MVS2/MVS7
200
Hz
Contact Resistance
PRMA/PRME/DSS7
150
mΩ
PRMA Form C
200
mΩ
MSS2/MSS7/MVS2/MVS7
100
mΩ
(See detailed specifications for more information.)
SRC
DEVICES
SRC
DEVICES
1
www.srcdevices.com


Similar Part No. - MVS71B24S

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVS MTRONPTI-MVS Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS MTRONPTI-MVS Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
logo
MERITEK ELECTRONICS COR...
MVS MERITEK-MVS Datasheet
334Kb / 11P
   Metal Oxide Varistors Surface Mount
logo
Altech corporation
MVS-1510 ALTECH-MVS-1510 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MVS-1511 ALTECH-MVS-1511 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results

Similar Description - MVS71B24S

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com