Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVS21C24S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MVS21C24S
Description  DIP 14 SERIES REED RELAYS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MVS21C24S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MVS21C24S Datasheet HTML 1Page - List of Unclassifed Manufacturers MVS21C24S Datasheet HTML 2Page - List of Unclassifed Manufacturers MVS21C24S Datasheet HTML 3Page - List of Unclassifed Manufacturers MVS21C24S Datasheet HTML 4Page - List of Unclassifed Manufacturers MVS21C24S Datasheet HTML 5Page - List of Unclassifed Manufacturers MVS21C24S Datasheet HTML 6Page - List of Unclassifed Manufacturers MVS21C24S Datasheet HTML 7Page - List of Unclassifed Manufacturers MVS21C24S Datasheet HTML 8Page - List of Unclassifed Manufacturers MVS21C24S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DIP 14 SERIES REED RELAYS
SPECIFICATIONS
All parameters are at 25°C unless otherwise stated.
Operate voltage, release voltage, and coil resistance will change
approximately 0.4%/°C as ambient temperature varies.
DSS7
Molded 4 Pin
Dry Reed
PRME
Molded 8 Pin
Low profile
Dry Reed
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Contact Ratings
Switching Voltage
Max DC/PeakAC Resistive
VL
-
-
200
-
200
Volts
Switching Current
Max DC/PeakAC Resistive
IL
-
-
0.5
-
0.5
Amps
Carry Current
Max DC/PeakAC Resistive
IC
-
-
2
-
2
Amps
Contact Rating
Max DC/PeakAC Resistive
-
-
10
-
10
Watts
Life Expectancy
Signal Level 1.0 V 10mA
300
500
-
300
500
-
x10
6 Ops
Related Loads
(1)
Static Contact Resistance
50mV, 10mA
CR
-
-
150
-
150
mΩ
Dynamic Contact Resistance
.5V, 50mA at 100Hz, 1.5 msec
DCR
-
N/A
-
-
N/A
-
mΩ
Contact Material
-
Ru
-
-
Ru
-
Relay Specifications
Insulation Resistance
Between all isolated pins
IR
10
10
10
12
-10
10
10
12
-
at 100V, 25°C, 40% RH
Capacitance
Across Open Contacts
-
0.7
1
-
0.8
1
pF
Open Contact to Coil
1.5
2
1.5
2
pF
Dielectric Strength
Between Contacts
250
-
-
250
-
-
VDC/Peak AC
Contacts to Coil
I/O
5600
1000
VDC/Peak AC
Operate Time,
At Nominal Coil Voltage
TOP
-
0.25
0.5
-
0.25
1
ms
including bounce
10Hz Square Wave
Release Time
Zener-Diode Suppression
TREL
-
0.25
0.5
-
0.25
0.5
ms
Environmental Ratings
Storage Temperature
TA
-40
-
+105
-40
-
+105
°C
Operating Temperature
TO
-40
-
+80
-40
-
+80
°C
Soldering Temperature
Applied to pins, 5 sec. max.
-
-
260
-
-
260
°C
Vibration Resistance
(2)
5Hz - 500Hz
G
-
-
20
-
-
20
Gs
(Survival)
Shock Resistance
11±1ms,
1/2 Sine Wave
S
-
-
100
-
-
100
Gs
(Survival)
Weight
-
1.5
-
-
1.5
-
grams
(1) Refer to life graphs
(2) Use caution not to exceed vibration resistance limits while ultrasonically cleaning relays with DYAD switches. Contact SRC Devices Engineering for more
details/recommendations.
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7 SRC
DEVICES
4
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


Similar Part No. - MVS21C24S

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVS21T1AJ MTRONPTI-MVS21T1AJ Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS21T1AJ MTRONPTI-MVS21T1AJ Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS21T1AJ-R MTRONPTI-MVS21T1AJ-R Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS21T1CJ MTRONPTI-MVS21T1CJ Datasheet
263Kb / 1P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
MVS21T1CJ MTRONPTI-MVS21T1CJ Datasheet
430Kb / 2P
   9x14 mm, 5.0 Volt, HCMOS/TTL, VCXO
More results

Similar Description - MVS21C24S

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com