Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F122 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # C8051F122
Description  Mixed Signal ISP Flash MCU Family
Download  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F122 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button C8051F122 Datasheet HTML 2Page - Silicon Laboratories C8051F122 Datasheet HTML 3Page - Silicon Laboratories C8051F122 Datasheet HTML 4Page - Silicon Laboratories C8051F122 Datasheet HTML 5Page - Silicon Laboratories C8051F122 Datasheet HTML 6Page - Silicon Laboratories C8051F122 Datasheet HTML 7Page - Silicon Laboratories C8051F122 Datasheet HTML 8Page - Silicon Laboratories C8051F122 Datasheet HTML 9Page - Silicon Laboratories C8051F122 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 356 page
background image
6
Rev. 1.3
C8051F120/1/2/3/4/5/6/7
C8051F130/1/2/3
17.6.1.1.16-bit MOVX: EMI0CF[4:2] = ‘101’, ‘110’, or ‘111’......................... 230
17.6.1.2.8-bit MOVX without Bank Select: EMI0CF[4:2] = ‘101’ or ‘111’..... 231
17.6.1.3.8-bit MOVX with Bank Select: EMI0CF[4:2] = ‘110’....................... 232
17.6.2.Multiplexed Mode ................................................................................... 233
17.6.2.1.16-bit MOVX: EMI0CF[4:2] = ‘001’, ‘010’, or ‘011’......................... 233
17.6.2.2.8-bit MOVX without Bank Select: EMI0CF[4:2] = ‘001’ or ‘011’..... 234
17.6.2.3.8-bit MOVX with Bank Select: EMI0CF[4:2] = ‘010’....................... 235
18. Port Input/Output.................................................................................................. 239
18.1.Ports 0 through 3 and the Priority Crossbar Decoder..................................... 241
18.1.1.Crossbar Pin Assignment and Allocation ............................................... 241
18.1.2.Configuring the Output Modes of the Port Pins...................................... 242
18.1.3.Configuring Port Pins as Digital Inputs................................................... 243
18.1.4.Weak Pull-ups ........................................................................................ 243
18.1.5.Configuring Port 1 Pins as Analog Inputs .............................................. 243
18.1.6.External Memory Interface Pin Assignments ......................................... 244
18.1.7.Crossbar Pin Assignment Example........................................................ 246
18.2.Ports 4 through 7 (100-pin TQFP devices only) ............................................. 255
18.2.1.Configuring Ports which are not Pinned Out .......................................... 255
18.2.2.Configuring the Output Modes of the Port Pins...................................... 255
18.2.3.Configuring Port Pins as Digital Inputs................................................... 256
18.2.4.Weak Pull-ups ........................................................................................ 256
18.2.5.External Memory Interface ..................................................................... 256
19. System Management Bus / I2C Bus (SMBus0) .................................................. 261
19.1.Supporting Documents ................................................................................... 262
19.2.SMBus Protocol.............................................................................................. 262
19.2.1.Arbitration............................................................................................... 263
19.2.2.Clock Low Extension.............................................................................. 263
19.2.3.SCL Low Timeout................................................................................... 263
19.2.4.SCL High (SMBus Free) Timeout .......................................................... 263
19.3.SMBus Transfer Modes.................................................................................. 264
19.3.1.Master Transmitter Mode ....................................................................... 264
19.3.2.Master Receiver Mode ........................................................................... 264
19.3.3.Slave Transmitter Mode ......................................................................... 265
19.3.4.Slave Receiver Mode ............................................................................. 265
19.4.SMBus Special Function Registers ................................................................ 267
19.4.1.Control Register ..................................................................................... 267
19.4.2.Clock Rate Register ............................................................................... 270
19.4.3.Data Register ......................................................................................... 271
19.4.4.Address Register.................................................................................... 271
19.4.5.Status Register....................................................................................... 272
20. Enhanced Serial Peripheral Interface (SPI0)...................................................... 277
20.1.Signal Descriptions......................................................................................... 278
20.1.1.Master Out, Slave In (MOSI).................................................................. 278
20.1.2.Master In, Slave Out (MISO).................................................................. 278
20.1.3.Serial Clock (SCK) ................................................................................. 278


Similar Part No. - C8051F122

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F122 SILABS-C8051F122 Datasheet
183Kb / 2P
   100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F122 SILABS-C8051F122 Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
C8051F122 SILABS-C8051F122 Datasheet
1Mb / 16P
   The C8051F12x series is pin compatible
C8051F122 SILABS-C8051F122 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
C8051F122-GQ SILABS-C8051F122-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com