Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14503BD Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14503BD
Description  Hex Non-Inverting 3-State Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14503BD Datasheet(HTML) 4 Page - ON Semiconductor

  MC14503BD Datasheet HTML 1Page - ON Semiconductor MC14503BD Datasheet HTML 2Page - ON Semiconductor MC14503BD Datasheet HTML 3Page - ON Semiconductor MC14503BD Datasheet HTML 4Page - ON Semiconductor MC14503BD Datasheet HTML 5Page - ON Semiconductor MC14503BD Datasheet HTML 6Page - ON Semiconductor MC14503BD Datasheet HTML 7Page - ON Semiconductor MC14503BD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14503B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
VDD
All Types
Characteristic
Symbol
VDD
VCC
Typ (8.)
Max
Unit
Output Rise Time
tTLH = (0.5 ns/pF) CL + 20 ns
tTLH = (0.3 ns/pF) CL + 8.0 ns
tTLH = (0.2 ns/pF) CL + 8.0 ns
tTLH
5.0
10
15
45
23
18
90
45
35
ns
Output Fall Time
tTHL = (0.5 ns/pF) CL + 20 ns
tTHL = (0.3 ns/pF) CL + 8.0 ns
tTHL = (0.2 ns/pF) CL + 8.0 ns
tTHL
5.0
10
15
45
23
18
90
45
35
ns
Turn–Off Delay Time, all Outputs
tPLH = (0.3 ns/pF) CL + 60 ns
tPLH = (0.15 ns/pF) CL + 27 ns
tPLH = (0.1 ns/pF) CL + 20 ns
tPLH
5.0
10
15
75
35
25
150
70
50
ns
Turn–On Delay Time, all Outputs
tPHL = (0.3 ns/pF) CL + 60 ns
tPHL = (0.15 ns/pF) CL + 27 ns
tPHL = (0.1 ns/pF) CL + 20 ns
tPHL
5.0
10
15
75
35
25
150
70
50
ns
3–State Propagation Delay Time
Output “1” to High Impedance
tPHZ
5.0
10
15
75
40
35
150
80
70
ns
Output “0” to High Impedance
tPLZ
5.0
10
15
80
40
35
160
80
70
ns
High Impedance to “1” Level
tPZH
5.0
10
15
65
25
20
130
50
40
ns
High Impedance to “0” Level
tPZL
5.0
10
15
100
35
25
200
70
50
ns
7. The formulas given are for the typical characteristics only at 25
_C.
8. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Time Test Circuit and Waveforms
(tTLH, tTHL, tPHL, and tPLH)
PULSE
GENERATOR
DISABLE
INPUT
INPUT
VDD
16
VSS
CL
OUTPUT
20 ns
20 ns
VDD
VSS
VOH
VOL
tPHL
tTHL
tTLH
tPLH
90%
50%
10%
OUTPUT
INPUT
tPLH
tPHL
90%
50%
10%


Similar Part No. - MC14503BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503BD ONSEMI-MC14503BD Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
MC14503BDG ONSEMI-MC14503BDG Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
MC14503BDG ONSEMI-MC14503BDG Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
MC14503BDG ONSEMI-MC14503BDG Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
MC14503BDR2 ONSEMI-MC14503BDR2 Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
More results

Similar Description - MC14503BD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
   HEX NON-INVERTING 3-STATE BUFFER
logo
Fairchild Semiconductor
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
   Hex Non-Inverting 3-STATE Buffer
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
   Hex Non-inverting 3-state Buffer
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com