Part Name
         Description
DM9601

 USB Ethernet MAC Controller with Intergrated 10/100 PHY ( 58 Page)


ETC1
100% 
Zoom Out Zoom In
 6 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
6
Final
Version: DM9601-DS-F01
June 22, 2002
5. Pin Description
I= Input, O=Output, I/O= Input/Output, O/D= Open Drain, P= Power,
LI= reset Latch Input, #= asserted low
5.1 MII Interface
Pin No.
Pin Name
Type
Description
37
LINK_I
I/O
External MII Device Link Status
38,39,40,
41
RXD[3:0]
I/O
External MII Receive Data
43
CRS
I/O
External MII Carrier Sense
44
COL
I/O
External MII Collision Detect
45
RX_DV
I/O
External MII Receive Data Valid
46
RX_ER
I/O
External MII Receive Error
47
RX_CLK
I/O
External MII Receive Clock
49
TX_CLK
I/O
External MII Transmit Clock
50,51,52,
53
TXD[3:0]
I/O
External MII Transmit Data
54
TX_EN
I/O
External MII Transmit Enable
56
MDIO
I/O
MII Serial Management Data
57
MDC
I/O
MII Serial Management Data Clock
5.2 EEPROM Interface
EEPROM
Interface
64
EEDI
I/O
Data from EEPROM
65
EEDO
I/O
Data to EEPROM
66
EECK
I/O
Clock to EEPROM
67
EECS
O
Chip Select to EEPROM
This pin is used as a strap pin to define the LED modes
When it is pulled high, the LED mode is the mode 1,
Otherwise it is mode 0
5.3 USB Interface
74
DM
I/O
USB Data Minus
75
DP
I/O
USB Data Plus
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM9000ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STE10PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V 1 2 3 4 5 MoreSTMicroelectronics
AT76C505A802.11b Media Access Controller MAC and Baseband with USB Interface 1 2 3 ATMEL Corporation
AT76C507802.11b Media Access Controller MAC and Baseband with USB Master Capabilities 1 2 3 ATMEL Corporation
AX88141100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreASIX Electronics Corporation
ADM9511LAN/Modem Controller with Embedded Fast Ethernet PHY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AM79C973PCnet™-FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY 1 2 3 4 5 MoreAdvanced Micro Devices
AT76C505802.11b Media Access Controller MAC and Baseband with USB Interface 1 2 3 ATMEL Corporation
VSC8224Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces 1 2 Vitesse Semiconductor Corporation
USB3450HI-SPEED USB HOST OR DEVICE PHY WITH UTMI+INTERFACE 1 2 3 4 5 MoreSMSC Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl