Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14503BF Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC14503BF
Description  Hex Non-Inverting 3-State Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14503BF Datasheet(HTML) 5 Page - ON Semiconductor

  MC14503BF Datasheet HTML 1Page - ON Semiconductor MC14503BF Datasheet HTML 2Page - ON Semiconductor MC14503BF Datasheet HTML 3Page - ON Semiconductor MC14503BF Datasheet HTML 4Page - ON Semiconductor MC14503BF Datasheet HTML 5Page - ON Semiconductor MC14503BF Datasheet HTML 6Page - ON Semiconductor MC14503BF Datasheet HTML 7Page - ON Semiconductor MC14503BF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14503B
http://onsemi.com
5
Figure 2. 3–State AC Test Circuit and Waveforms
(tPLZ, tPHZ, tPZH, tPZL)
PULSE
GENERATOR
DISABLE INPUT
16
VSS
1 k
OUTPUT
20 ns
20 ns
VDD
50%
90%
VDD
1k
8
INPUT
tPHZ, tPZH CIRCUIT
PULSE
GENERATOR
DISABLE INPUT
tPLZ, tPZL CIRCUIT
OUTPUT
VSS
8
16
INPUT
CL
CL
VDD
VSS
VOH
VOL
≈ VOL + 0.05 V
≈ VOH – 0.15 V
10%
90%
10%
90%
10%
tPLZ
tPHZ
tPZH
tPZL
OUTPUT FOR tPZH, tPZL CIRCUIT
OUTPUT FOR tPHZ, tPLZ CIRCUIT
DISABLE INPUT


Similar Part No. - MC14503BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503BFEL ONSEMI-MC14503BFEL Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
MC14503BFELG ONSEMI-MC14503BFELG Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
MC14503BFELG ONSEMI-MC14503BFELG Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
More results

Similar Description - MC14503BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
   HEX NON-INVERTING 3-STATE BUFFER
logo
Fairchild Semiconductor
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
   Hex Non-Inverting 3-STATE Buffer
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
   Hex Non-inverting 3-state Buffer
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com