Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVR40201KG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TVR40201KG
Description  ZINC OXIDE VARISTOR 50 SERIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR40201KG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TVR40201KG Datasheet HTML 1Page - List of Unclassifed Manufacturers TVR40201KG Datasheet HTML 2Page - List of Unclassifed Manufacturers TVR40201KG Datasheet HTML 3Page - List of Unclassifed Manufacturers TVR40201KG Datasheet HTML 4Page - List of Unclassifed Manufacturers TVR40201KG Datasheet HTML 5Page - List of Unclassifed Manufacturers TVR40201KG Datasheet HTML 6Page - List of Unclassifed Manufacturers TVR40201KG Datasheet HTML 7Page - List of Unclassifed Manufacturers TVR40201KG Datasheet HTML 8Page - List of Unclassifed Manufacturers TVR40201KG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 1/43
TVR-SERIES Part Number Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Disc
Ø Size
05
07
10
10Ø
14
14Ø
20
20Ø
25
25Ø
32
32Ø
40
40Ø
60
60Ø
34
34x34
Serial Number
Outward Appearance and Tape
A
Tapping Hole Pitch: 12.7mm
E
Tapping Hole Pitch: 15.0mm
B
Tapping + Ammo (Box)
R
Tapping + Reel
C
Cutted Lead
::
Part No. (VlmA)
180
18x100V
241
24x101V
102
10x102V
::
Product Code
TVR
Thinking Varistor
Resistance
Lead Wire Style and Coating
S
Straight Lead; Epoxy Coating
I
Inner Kink Lead; Epoxy Coating
L
Straight Lead; Silicone Coating
P
Inner Kink Lead; Silicone Coating
::
The Tolerance
of VlmA
K
±10%
A
0~+10%
B
0~-10%
::
Special Spec.
Controlling Number
TVR-SERIES Part Number Code


Similar Part No. - TVR40201KG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TVR4G280-AA PANASONIC-TVR4G280-AA Datasheet
6Mb / 67P
   Service Manual
2014
logo
Toshiba Semiconductor
TVR4J TOSHIBA-TVR4J Datasheet
121Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type High Speed Rectifier Applications (fast recovery)
logo
Galaxy Semi-Conductor H...
TVR4J BILIN-TVR4J Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
TVR4J TAYCHIPST-TVR4J Datasheet
2Mb / 2P
   FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
More results

Similar Description - TVR40201KG

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSV SUNTAN-TSV_17 Datasheet
316Kb / 9P
   ZINC OXIDE VARISTOR
logo
RFE international
14N470K RFE-14N470K Datasheet
4Mb / 6P
   Zinc Oxide Varistor
logo
Suntan Capacitors
TSV SUNTAN-TSV Datasheet
1Mb / 11P
   ZINC OXIDE VARISTOR
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com