Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M564R16DTP-15 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M564R16DTP-15
Description  1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M564R16DTP-15 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M564R16DTP-15 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M5M564R16DJ,TP-10,-12,-15
MITSUBISHI LSIs
1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
Output timing reference levels
................ VOH=1.5V, VOL=1.5V
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS (Ta=0~70°C, Vcc=3.3V
,unless otherwise noted)
V
V
V
mW
1000
°C
°C
0 ~ 70
- 10 ~ 85
- 2.0 ~ Vcc+0.5
Power dissipation
V cc
V I
V O
P d
T opr
Operating temperature
Parameter
Supply voltage
Input voltage
Output voltage
Storage temperature(bias)
Symbol
Unit
Conditions
With respect to GND
Ratings
VIH
VIL
VOH
V
V
V
Vcc+0.3
0.8
2.0
2.4
VOL
I I
I CC1
I CC2
I CC3
V
mA
mA
mA
0.4
200
140
2
uA
uA
IOH = - 4mA
IOL= 8mA
V I = 0 ~ Vcc
VI (S)= VIL
other inputs V IH or VIL
Output-open(duty 100%)
VI (S)= Vcc - 0.2V
other inputs VI
≤0.2V
or VI
≥Vcc - 0.2V
VI (S)= VIH
VO= 0 ~ Vcc
2
AC(10ns cycle)
DC
10
Symbol
Parameter
Max
Typ
Limits
Min
Condition
Unit
High-level input voltage
Input current
Active supply current
(TTL level)
Stand-by supply current
(TTL level)
Output current in off-state
Stand-by current
(MOS level)
Low-level input voltage
High-level output voltage
Low-level output voltage
CAPACITANCE
C I
CO
VI =GND,Vi =25mVrms,f=1MHz
Vo =GND,Vo =25mVrms,f=1MHz
6
8
pF
pF
Input capacitance
Output capacitance
Symbol
Parameter
Limit
Max
Typ
Min
Test Condition
Unit
(1) MEASUREMENT CONDITION
Input pulse levels
................................... VIH=3.0V,VIL=0.0V
Input rise and fall time
................................................... 3ns
Input timing reference levels
...................... VIH=1.5V,VIL=1.5V
Output loads ....................................................... Fig1 ,Fig2
- 2.0 ~ 4.6
480
255
5.0V
DQ
Fig.2 Output load for t
, t
en
dis
5pF
Including
scope and JIG
(
)
Fig.1 Output load
AC ELECTRICAL CHARACTERISTICS (Ta= 0~70
°C ,VCC=3.3V
,unless otherwise noted)
IOZ
VI (S)= VIH
AC(12ns cycle)
AC(15ns cycle)
195
190
Tstg
Tstg(bias)
°C
- 65 ~ 150
Storage temperature
*Pulse width
≤5ns, In case of DC: - 0.5V
110
- 2.0 ~ Vcc
AC(10ns cycle)
DC
AC(12ns cycle)
AC(15ns cycle)
70
40
65
60
(Ta=0~70
°C , Vcc=3.3V
,unless otherwise noted)
Note 2: CI,CO are periodically sampled and are not 100% tested.
Ta=25
°C
3
+10%
-5%
+10%
-5%
+10%
-5%
*
*
*
DQ
RL=50
VL=1.5V
Z0=50
OUTPUT
Note 1: Direction for current flowing into an IC is positive (no mark).


Similar Part No. - M5M564R16DTP-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5M5 ETC1-M5M5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
logo
Edal Industries, Inc.
M5M5 EDAL-M5M5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 5.0 AMP DIODES
logo
M-System Co.,Ltd.
M5M5-0-M MSYSTEM-M5M5-0-M Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
M5M5-0-M/A1 MSYSTEM-M5M5-0-M/A1 Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
M5M5-0-M/K MSYSTEM-M5M5-0-M/K Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
More results

Similar Description - M5M564R16DTP-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10LI MITSUBISHI-M5M51R16AWG-10LI Datasheet
89Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-10VL-I MITSUBISHI-M5M51016BTP-10VL-I Datasheet
85Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R04J-12 MITSUBISHI-M5M5V4R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com