Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M564R16DTP-15 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M564R16DTP-15
Description  1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M564R16DTP-15 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M564R16DTP-15 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M564R16DTP-15 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
M5M564R16DJ,TP-10,-12,-15
MITSUBISHI LSIs
1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
1
Outline 44P0K(J)
44P3W-H(TP)
PIN CONFIGURATION (TOP VIEW)
1998.6.18 Ver.A
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
APPLICATION
FEATURES
High-speed memory system
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DQ1
GND
17
18
19
20
21
22
S
W
32
31
30
29
28
27
26
25
24
23
OE
GND
N.C
36
35
34
33
41
40
39
38
37
44
43
42
LB
UB
ADDRESS
INPUTS
CHIP
SELECT
INPUTS
(3.3V)
(0V)
(3.3V)
(0V)
DATA
INPUTS/
OUTPUTS
DATA
INPUTS/
OUTPUTS
WRITE
CONTROL
INPUT
ADDRESS
INPUTS
ADDRESS
INPUTS
DATA
INPUTS/
OUTPUTS
DATA
INPUTS/
OUTPUTS
BYTE
CONTROL
INPUTS
OUTPUT ENABLE
INPUT
ADDRESS
INPUTS
A0
A1
A2
A3
A4
A15
A14
A13
DQ2
DQ4
DQ16
DQ15
DQ14
DQ13
DQ3
VCC
VCC
DQ5
DQ6
DQ8
DQ7
DQ12
DQ11
DQ10
DQ9
A5
A6
A7
A8
A12
A11
A10
A9
DESCRIPTION
The M5M564R16D is a family of 65536-word by 16-bit
static RAMs, fabricated with the high performance CMOS
process and designed for high speed application. These
devices operate on a single 3.3V supply, and are directly
TTL compatible.
They include a power down feature as well. In write
and read cycles, the lower and upper bytes are able
to be controled either togethe or separately by LB
and UB.
The operation mode of the M5M564R16D is
determined by a combination of the device control
inputs S, W, OE, LB, and UB. Each mode is
summarized in the function table.
A write cycle is executed whenever the low level W
overlaps with low level LB and/or low level UB and low
level S. The address must be set-up before write cycle
and must be stable during the entire cycle.
The data is latched into a cell on the traling edge of
W, LB, UB or S, whichever occurs first, requiring the
set-up and hold time relative to these edge to be
maintained. The output enable input OE directly
controls the output stage. Setting the OE at a high level,
the output stage is in a high impedance state, and the
data bus contention problem in the write cycle is
eliminated.
A read cycle is excuted by setting W at a high level
and OE at a low level while LB and/or UB and S are in
an active
state. (LB and/or UB=L, S=L)
When setting LB at a high level and other pins are in
an active state, upper-Byte are in a selectable mode
in which both reading and writing are enable, and
lower-Byte are in a non-selectable mode. And when
setting UB at a high level and other pins are in an
active state, lower-Byte are in a selectable mode in
which both reading and writing are enable, and upper-
Byte are in a non-selectable mode.
When setting LB and UB at a high level or S at high
level, the chip is in a non-selectable mode in which
both reading and writing are disabled. In this mode,
the output stage is in a high-impedance state,
allowing OR-tie with other chips and memory
expansion by LB, UB and S.
Signal-S controls the power-down feature. When S
goes high, power dissapation is reduced extremely.
The access time from S is equivalent to the address
access time.
FUNCTION
N.C
N.C
PACKAGE
M5M564R16DJ
M5M564R16DTP
: 44pin 400mil SOJ
: 44pin 400mil TSOP(II)
•Fast access time
M5M564R16DJ,TP-10 ... 10ns(max)
M5M564R16DJ,TP-12 ... 12ns(max)
M5M564R16DJ,TP-15 ... 15ns(max)
•Low power dissipation
Active .................. 363mW(typ)
•Single +3.3V power supply
•Fully static operation : No clocks, No refresh
•Common data I/O
•Easy memory expansion by S
•Three-state outputs : OR-tie capability
•OE prevents data contention in the I/O bus
•Directly TTL compatible : All inputs and outputs
•Separate control of lower and upper bytes by LB and UB


Similar Part No. - M5M564R16DTP-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5M5 ETC1-M5M5 Datasheet
179Kb / 2P
   MEDIUM CURRENT SILICON RECTIFIERS
logo
Edal Industries, Inc.
M5M5 EDAL-M5M5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 5.0 AMP DIODES
logo
M-System Co.,Ltd.
M5M5-0-M MSYSTEM-M5M5-0-M Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
M5M5-0-M/A1 MSYSTEM-M5M5-0-M/A1 Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
M5M5-0-M/K MSYSTEM-M5M5-0-M/K Datasheet
102Kb / 3P
   Super-mini Terminal Block Signal Conditioners M5-UNIT
More results

Similar Description - M5M564R16DTP-15

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10LI MITSUBISHI-M5M51R16AWG-10LI Datasheet
89Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-10VL-I MITSUBISHI-M5M51016BTP-10VL-I Datasheet
85Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R04J-12 MITSUBISHI-M5M5V4R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com