Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14511BF Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC14511BF
Description  BCD-To-Seven Segment Latch/Decoder/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14511BF Datasheet(HTML) 1 Page - ON Semiconductor

  MC14511BF Datasheet HTML 1Page - ON Semiconductor MC14511BF Datasheet HTML 2Page - ON Semiconductor MC14511BF Datasheet HTML 3Page - ON Semiconductor MC14511BF Datasheet HTML 4Page - ON Semiconductor MC14511BF Datasheet HTML 5Page - ON Semiconductor MC14511BF Datasheet HTML 6Page - ON Semiconductor MC14511BF Datasheet HTML 7Page - ON Semiconductor MC14511BF Datasheet HTML 8Page - ON Semiconductor MC14511BF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14511B/D
MC14511B
BCD-To-Seven Segment
Latch/Decoder/Driver
The MC14511B BCD–to–seven segment latch/decoder/driver is
constructed with complementary MOS (CMOS) enhancement mode
devices and NPN bipolar output drivers in a single monolithic structure.
The circuit provides the functions of a 4–bit storage latch, an 8421
BCD–to–seven segment decoder, and an output drive capability. Lamp
test (LT), blanking (BI), and latch enable (LE) inputs are used to test the
display, to turn–off or pulse modulate the brightness of the display, and
to store a BCD code, respectively. It can be used with seven–segment
light–emitting diodes (LED), incandescent, fluorescent, gas discharge,
or liquid crystal readouts either directly or indirectly.
Applications include instrument (e.g., counter, DVM, etc.) display
driver, computer/calculator display driver, cockpit display driver, and
various clock, watch, and timer uses.
Low Logic Circuit Power Dissipation
High–Current Sourcing Outputs (Up to 25 mA)
Latch Storage of Code
Blanking Input
Lamp Test Provision
Readout Blanking on all Illegal Input Combinations
Lamp Intensity Modulation Capability
Time Share (Multiplexing) Facility
Supply Voltage Range = 3.0 V to 18 V
Capable of Driving Two Low–power TTL Loads, One Low–power
Schottky TTL Load or Two HTL Loads Over the Rated Temperature
Range
Chip Complexity: 216 FETs or 54 Equivalent Gates
Triple Diode Protection on all Inputs
MAXIMUM RATINGS (Voltages Referenced to VSS) (2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin
Input Voltage Range, All Inputs
– 0.5 to VDD + 0.5
V
I
DC Current Drain per Input Pin
10
mA
PD
Power Dissipation,
per Package (3.)
500
mW
TA
Operating Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
IOHmax
Maximum Output Drive Current
(Source) per Output
25
mA
POHmax
Maximum Continuous Output
Power (Source) per Output (4.)
50
mA
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
4. POHmax = IOH (VDD – VOH)
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14511BCP
PDIP–16
2000/Box
MC14511BD
SOIC–16
48/Rail
MC14511BDW
SOIC–16
47/Rail
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14511BCP
AWLYYWW
MC14511BDWR2
SOIC–16
1000/Tape & Reel
SOIC–16
DW SUFFIX
CASE 751G
1
16
14511B
AWLYYWW
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14511B
AWLYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14511B
AWLYWW
MC14511BF
SOEIAJ–16
See Note 1.
MC14511BFEL
SOEIAJ–16
See Note 1.


Similar Part No. - MC14511BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14511BF ONSEMI-MC14511BF Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
MC14511BFEL ONSEMI-MC14511BFEL Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
MC14511BFELG ONSEMI-MC14511BFELG Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
MC14511BFELG ONSEMI-MC14511BFELG Datasheet
137Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Drive
July, 2014 ??Rev. 12
MC14511BFG ONSEMI-MC14511BFG Datasheet
203Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver
September, 2006 ??Rev. 8
More results

Similar Description - MC14511BF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B Datasheet
185Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com