Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14516BDR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14516BDR2
Description  Binary Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14516BDR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC14516BDR2 Datasheet HTML 1Page - ON Semiconductor MC14516BDR2 Datasheet HTML 2Page - ON Semiconductor MC14516BDR2 Datasheet HTML 3Page - ON Semiconductor MC14516BDR2 Datasheet HTML 4Page - ON Semiconductor MC14516BDR2 Datasheet HTML 5Page - ON Semiconductor MC14516BDR2 Datasheet HTML 6Page - ON Semiconductor MC14516BDR2 Datasheet HTML 7Page - ON Semiconductor MC14516BDR2 Datasheet HTML 8Page - ON Semiconductor MC14516BDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC14516B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
All Types
Characteristic
Symbol
VDD
Min
Typ (8.)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q
tPLH, tPHL = (1.7 ns/pF) CL + 230 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
tPLH,
tPHL
5.0
10
15
315
130
100
630
260
200
ns
Clock to Carry Out
tPLH, tPHL = (1.7 ns/pF) CL + 230 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
tPLH,
tPHL
5.0
10
15
315
130
100
630
260
200
ns
Carry In to Carry Out
tPLH, tPHL = (1.7 ns/pF) CL + 230 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
tPLH,
tPHL
5.0
10
15
180
80
60
360
160
120
ns
PLH
PHL
()
L
Preset or Reset to Q
tPLH, tPHL = (1.7 ns/pF) CL + 230 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
tPLH,
tPHL
5.0
10
15
315
130
100
630
360
200
ns
PLH, PHL
()
L
Preset or Reset to Carry Out
tPLH, tPHL = (1.7 ns/pF) CL + 465 ns
tPLH, tPHL = (0.66 ns/pF) CL + 192 ns
tPLH, tPHL = (0.5 ns/pF) CL + 125 ns
tPLH,
tPHL
5.0
10
15
550
225
150
1100
450
300
ns
Reset Pulse Width
tw
5.0
10
15
380
200
160
190
100
80
ns
Clock Pulse Width
tWH
5.0
10
15
350
170
140
200
100
75
ns
Clock Pulse Frequency
fcl
5.0
10
15
3.0
6.0
8.0
1.5
3.0
4.0
MHz
7. The formulas given are for the typical characteristics only at 25
_C.
8. Data labelled “Typ” is not to be used for design purposes but is intended as an Indication of the IC’s potential performance.


Similar Part No. - MC14516BDR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14516BDR2 ONSEMI-MC14516BDR2 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516BDR2G ONSEMI-MC14516BDR2G Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516BDR2G ONSEMI-MC14516BDR2G Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
More results

Similar Description - MC14516BDR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4516 PHILIPS-74HC4516 Datasheet
100Kb / 14P
   Binary up/down counter
December 1990
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com