Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM79M06A Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM79M06A
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM79M06A Datasheet(HTML) 1 Page - New Japan Radio

  NJM79M06A Datasheet HTML 1Page - New Japan Radio NJM79M06A Datasheet HTML 2Page - New Japan Radio NJM79M06A Datasheet HTML 3Page - New Japan Radio NJM79M06A Datasheet HTML 4Page - New Japan Radio NJM79M06A Datasheet HTML 5Page - New Japan Radio NJM79M06A Datasheet HTML 6Page - New Japan Radio NJM79M06A Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJM79L00
-1-
Ver.2003-07-18
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM79L00 series of 3-Terminal Negative Voltage Regulators
is constructed using the New JRC Planar epitaxial process. These
regulators employ internal current-limiting, and thermal-shutdown,
making them essentially indestructible. If adequate heat sinking is
provided, they can deliver up to 100mA output current. They are
intended as fixed voltage regulators in a wide range of applications
including local or on-card regulation for elimination of noise and
distribution problems associated with single-point regulation. In
addition, they can be used with power pass elements to make
high-current voltage regulators. The NJM79L00 used as a Zener
diode/resistor combination replacement, offers an effective output
impedance improvement of typically two orders of magnitude, along
with lower quiescent current and lower noise.
■ FEATURES
• Internal Short Circuit Current Limit
• Internal Thermal Overload Protection
• Excellent Ripple Rejection
• Guarantee'd 100mA Output Current
• Package Outline
TO-92, SOT-89
• Bipolar Technology
■ EQUIVALENT CIRCUIT
NJM79L00A
NJM79L00UA
1. COMMON
2. IN
3. OUT


Similar Part No. - NJM79M06A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM79M00 NJRC-NJM79M00 Datasheet
326Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR???
logo
List of Unclassifed Man...
NJM79M00 ETC2-NJM79M00 Datasheet
427Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
NJM79M00 ETC2-NJM79M00 Datasheet
427Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
New Japan Radio
NJM79M00DL1A NJRC-NJM79M00DL1A Datasheet
326Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR???
NJM79M00DLA NJRC-NJM79M00DLA Datasheet
326Kb / 8P
   3-TERMINAL NEGAYIVE VOLTAGE REGULATOR???
More results

Similar Description - NJM79M06A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com