Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVR40201KQ Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TVR40201KQ
Description  ZINC OXIDE VARISTOR 50 SERIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TVR40201KQ Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TVR40201KQ Datasheet HTML 5Page - List of Unclassifed Manufacturers TVR40201KQ Datasheet HTML 6Page - List of Unclassifed Manufacturers TVR40201KQ Datasheet HTML 7Page - List of Unclassifed Manufacturers TVR40201KQ Datasheet HTML 8Page - List of Unclassifed Manufacturers TVR40201KQ Datasheet HTML 9Page - List of Unclassifed Manufacturers TVR40201KQ Datasheet HTML 10Page - List of Unclassifed Manufacturers TVR40201KQ Datasheet HTML 11Page - List of Unclassifed Manufacturers TVR40201KQ Datasheet HTML 12Page - List of Unclassifed Manufacturers TVR40201KQ Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Rua Juquiá, 217
- Vila Antonieta
- S.B.C.
- Cep:09629-040
-
SP - Brasil
Tel: (11) 4367-7411
-
Fax: (11) 4367-7416
-
www.voltts.com.br
-
voltts@voltts.com.br
Pág. 9/43
LIFE TIMES
POWER DERATING CURVE
ZINC OXIDE VARISTOR 10Ø SERIES


Similar Part No. - TVR40201KQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TVR4G280-AA PANASONIC-TVR4G280-AA Datasheet
6Mb / 67P
   Service Manual
2014
logo
Toshiba Semiconductor
TVR4J TOSHIBA-TVR4J Datasheet
121Kb / 3P
   TOSHIBA Fast Recovery Diode Silicon Diffused Type High Speed Rectifier Applications (fast recovery)
logo
Galaxy Semi-Conductor H...
TVR4J BILIN-TVR4J Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
TVR4J TAYCHIPST-TVR4J Datasheet
2Mb / 2P
   FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
More results

Similar Description - TVR40201KQ

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSV SUNTAN-TSV_17 Datasheet
316Kb / 9P
   ZINC OXIDE VARISTOR
logo
RFE international
14N470K RFE-14N470K Datasheet
4Mb / 6P
   Zinc Oxide Varistor
logo
Suntan Capacitors
TSV SUNTAN-TSV Datasheet
1Mb / 11P
   ZINC OXIDE VARISTOR
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com