Selected language     English  ā–¼


CS6403 Datasheet(PDF) 7 Page - Cirrus Logic

Part No. CS6403
Description  Echo-Cancelling Codec
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 7 page
background image
SCLK
tsckw
tsckh tsckl t
sf1
tsr1
tsr1
tsf1
ts1
th1
tpd1
tpd1
tnz
thz
Bit 1
Bit 2
Bit 7
Bit 8
Bit 8
Bit 7
Bit 1
Bit 2
SYNCOUT
(Short Frame)
SYNCOUT
(Long Frame)
SDI
SDO
1
Note:
1. SYNCOUT is long frame when SFRAME = 1.
Master Mode Serial Port Timing
(Mode 1)
SCLK
tsckh tsckl
th1
ts1
SSYNC
SDI
SDO
ts1
th1
tpd1
tpd1
tnz
thz
Bit 1
Bit 2
Bit 15
(Bit 7)
Bit 16
(Bit 8)
Bit 1
Bit 2
Bit 15
(Bit 7)
Bit 16
(Bit 8)
SYNCOUT
tpdsr
tpdsf
Slave Mode Serial Port Timing
(Mode 2)
CS6403
DS192PP6
7




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TP3070COMBO II Programmable PCM CODEC/Filter 1 2 3 4 5 MoreNational Semiconductor (TI)
MSM7575Multi-Function PCM CODEC 1 2 3 4 5 MoreOKI electronic componets
MN86063High-Speed CODEC LSI for Facsimile Images 1 2 3 4 5 MorePanasonic Semiconductor
ST5090LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END 1 2 3 4 5 MoreSTMicroelectronics
TLV320AIC23STereo Audio CODEC 8- to 96kHz With Integrated Headphone Amplifier 1 2 3 4 5 MoreTexas Instruments
BU8731KVPCM codec IC for digital cellular telephones 1 2 3 4 5 MoreRohm
AD1845Parallel-Port 16-Bit SoundPort Stereo Codec 1 2 3 4 5 MoreAnalog Devices
T7507T7507 Quad PCM Codec with Filters Termination Impedance and Hybrid Balance 1 2 3 4 5 MoreAgere Systems
AK4545AC97 AUDIO CODEC WITH SRC AND DIT 1 2 3 4 5 MoreAsahi Kasei Microsystems
CS422324-Bit 105 dB Audio Codec with Volume Control 1 2 3 4 5 MoreCirrus Logic

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl