Selected language     English  â–¼


CS6403 Datasheet(PDF) 10 Page - Cirrus Logic

Part No. CS6403
Description  Echo-Cancelling Codec
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 10 page
background image
The Central Processing Unit (CPU) does all the
other miscellaneous processing, like update con-
trol and double talk detection. This processing
has a critical influence on overall echo-cancella-
tion performance.
Double-talk detection is a
particularly important part of this processing.
Double-talk detection and other algorithms were
carefully developed and validated at Crystal un-
der real-world conditions.
To increase the CS6403’s echo return-loss en-
h an cement (ERLE), supplemental echo
suppression is used. A sophisticated voice-detec-
tion algorithm is used to reduce echo with
minimal impact on conversation quality, assuring
the highest quality conversation.
Figure 3 describes the functional behavior of the
CS6403 in a typical application.
Digital data
from the far-end interface comes into SDI of the
CS6403 where it is acted upon by the various
algorithms running in the CPU.
First, a High-
Pass Filter eliminates DC offset and low
frequency noise before sending the far-end input
data onto the summing node for the network
echo canceller.
Assuming there is no speech
from the near-end, the signal after the summing
node is unaffected.
The signal then passes on to the AGC/Volume
Control block where the signal level is boosted,
if necessary. The volume control is implemented
in part by the AGC (for more details, see the
section entitled "Embedded Signal Processing
Functions").
The signal then passes on to the Non-linear Echo
Control block which controls the half-duplex
failsafe and the supplementary echo suppressor
which act to enhance and supplement the per-
formance of the echo canceller.
The signal after this block is then fed to both the
speaker output and the input to the acoustic echo
canceller (implemented by the AFP).
The
speaker output couples to the microphone input
by various echo paths.
The signal received at
the microphone is then filtered and sent on to the
summing node of the Acoustic Echo Canceller.
The Acoustic Echo Canceller constructs a model
of the echo paths between the speaker and mi-
crophone and processes its input signal with its
digital representation of the echo paths. As such,
its output should very closely match the input
from the microphone and so the output from the
summing node should be a very small signal,
which is referred to as the "error signal." This
error signal is fed back to the echo canceller to
let it adapt its performance should there be a
change in the echo path.
The Non-linear Echo Control block following
the summing node further attenuates any vestiges
of signal received at the microphone that origi-
nated from the speaker. This signal is then sent
to the far-end output by SDO as well as to the
input of the Network Echo Canceller, where a
function similar to that performed by the Acous-
tic Echo Canceller is performed.
-
-
+
+
SDI
SDO
SPKROUT
CS6403
MICIN
Near-End Output
Near-End Input
Far-End Input
Far-End Output
DSP or
PCM Codec
*
* Optional
*
Non-linear
Echo
Control
High Pass
Filter
High Pass
Filter
Network
Echo
Canceller
Acoustic
Echo
Canceller
AGC/
Volume
Control
Non-linear
Echo
Control
Figure 3. Functional Diagram
CS6403
10
DS192PP6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TP3070COMBO II Programmable PCM CODEC/Filter 1 2 3 4 5 MoreNational Semiconductor (TI)
MSM7575Multi-Function PCM CODEC 1 2 3 4 5 MoreOKI electronic componets
MN86063High-Speed CODEC LSI for Facsimile Images 1 2 3 4 5 MorePanasonic Semiconductor
ST5090LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END 1 2 3 4 5 MoreSTMicroelectronics
TLV320AIC23STereo Audio CODEC 8- to 96kHz With Integrated Headphone Amplifier 1 2 3 4 5 MoreTexas Instruments
BU8731KVPCM codec IC for digital cellular telephones 1 2 3 4 5 MoreRohm
AD1845Parallel-Port 16-Bit SoundPort Stereo Codec 1 2 3 4 5 MoreAnalog Devices
T7507T7507 Quad PCM Codec with Filters Termination Impedance and Hybrid Balance 1 2 3 4 5 MoreAgere Systems
AK4545AC97 AUDIO CODEC WITH SRC AND DIT 1 2 3 4 5 MoreAsahi Kasei Microsystems
CS422324-Bit 105 dB Audio Codec with Volume Control 1 2 3 4 5 MoreCirrus Logic

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl