Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB42418 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CDB42418
Description  110 dB, 192kHz 8-Ch CODEC WITH PLL
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42418 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CDB42418 Datasheet HTML 2Page - Cirrus Logic CDB42418 Datasheet HTML 3Page - Cirrus Logic CDB42418 Datasheet HTML 4Page - Cirrus Logic CDB42418 Datasheet HTML 5Page - Cirrus Logic CDB42418 Datasheet HTML 6Page - Cirrus Logic CDB42418 Datasheet HTML 7Page - Cirrus Logic CDB42418 Datasheet HTML 8Page - Cirrus Logic CDB42418 Datasheet HTML 9Page - Cirrus Logic CDB42418 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
CS42418
6
1 PIN DESCRIPTIONS
Pin Name
#
Pin Description
DAC_SDIN1
DAC_SDIN2
DAC_SDIN3
DAC_SDIN4
1
64
63
62
DAC Serial Audio Data Input (
Input) - Input for two’s complement serial audio data.
DAC_SCLK
2
DAC Serial Clock
(Input/Output) - Serial clock for the DAC serial audio interface.
DAC_LRCK
3
DAC Left Right Clock (
Input/Output) - Determines which channel, Left or Right, is currently active on
the DAC serial audio data line.
VD
4
51
Digital Power (
Input) - Positive power supply for the digital section.
DGND
5
52
Digital Ground (
Input) - Ground reference. Should be connected to digital ground.
VLC
6
Control Port Power (
Input) - Determines the required signal level for the control port.
SCL/CCLK
7
Serial Control Port Clock (
Input) - Serial clock for the serial control port. Requires an external pull-up
resistor to the logic interface voltage in I2C mode as shown in the Typical Connection Diagram.
SDA/CDOUT
8
Serial Control Data (
Input/Output) - SDA is a data I/O line in I2C mode and requires an external pull-up
resistor to the logic interface voltage, as shown in the Typical Connection Diagram. CDOUT is the output
data line for the control port interface in SPI mode.
AD1/CDIN
9
Address Bit 1 (I2C)/Serial Control Data (SPI) (
Input) - AD1 is a chip address pin in I2C mode; CDIN is
the input data line for the control port interface in SPI mode.
AD0/CS
10
Address Bit 0 (I2C)/Control Port Chip Select (SPI)
(Input) - AD0 is a chip address pin in I2C mode; CS
is the chip select signal in SPI mode.
INT
11
Interrupt
(Output) - The CS42418 will generate an interrupt condition as per the Interrupt Mask register.
See “Interrupts” on page 28 for more details.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1 7 18 19
20 21
22 23 24 25 2 6 27
28 29 3 0 31 32
64
6 3 6 2 6 1 60
59 58 57 56 5 5 54
53 52 5 1 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DAC _SDIN1
VD
DG ND
VLC
SC L/CC LK
SDA/CD O UT
AD 1/CDIN
AD0/CS
INT
RST
AINR -
AIN R+
AIN L+
AINL -
AO UTA2-
AOU TB1-
AO UTB1+
AO UTA1+
AO UTA1-
MU TEC
AG N D
VA
GPO7
GPO6
GPO5
GPO4
GPO3
GPO2
GPO1
LPFL T
DAC_ LRCK
DAC _SCL K
CS42418


Similar Part No. - CDB42418

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB42416 CIRRUS-CDB42416 Datasheet
1Mb / 67P
   110 dB, 192kHz 6-Ch CODEC WITH PLL
More results

Similar Description - CDB42418

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 67P
   110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42428 CIRRUS-CS42428 Datasheet
1Mb / 67P
   114 dB, 192kHz 8-Ch CODEC WITH PLL
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 8-Ch Codec with PLL
CS42426 CIRRUS-CS42426 Datasheet
1Mb / 67P
   114 dB, 192kHz 6-Ch CODEC WITH PLL
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 8-Ch Codec with PLL
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518 Datasheet
1Mb / 91P
   110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 6-Ch Codec with PLL
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com