Selected language     English  ▼


CS61304A Datasheet(PDF) 4 Page - Cirrus Logic

Part No. CS61304A
Description  T1/E1 Line Interface
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 4 page
background image
ANALOG SPECIFICATIONS (TA = -40°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Min
Typ
Max
Units
Receiver
RTIP/RRING Input Impedance
-
50k
-
Sensitivity Below DSX (0dB = 2.4V)
-13.6
500
-
-
-
-
dB
mV
Data Decision Threshold
T1, DSX-1
(Note 19)
T1, DSX-1
(Note 20)
T1, FCC Part 68 and E1
(Note 21)
60
53
45
65
65
50
70
77
55
% of peak
% of peak
% of peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter Tolerance
(Note 22)
10kHz - 100kHz
2kHz
10Hz and below
0.4
6.0
300
-
-
-
-
-
-
UI
UI
UI
Loss of Signal Threshold
(Note 23)
0.25
0.30
0.50
V
Jitter Attenuator
Jitter Attenuation Curve Corner Frequency
(Notes 16, 24)
-
3
-
Hz
Attenuation at 10kHz Jitter Frequency
(Notes 16, 24)
-
50
-
dB
Attenuator Input Jitter Tolerance
(Notes 16, 24)
(Before Onset of FIFO Overflow or Underflow Protection)
138
-
-
UI
Notes: 19. For input amplitude of 1.2 Vpk to 4.14 Vpk.
20. For input amplitude of 0.5 Vpk to 1.2 Vpk and from 4.14 Vpk to RV+.
21. For input amplitude of 1.05 Vpk to 3.3 Vpk.
22. Jitter tolerance increases at lower frequencies. See Figure 11.
23. The analog input squelch circuit shall operate when the input signal amplitude above ground on the
RTIP and RRING pins falls within the range of 0.25V to 0.50V. Operation of the squelch results in
the recovery of zeros. During receive LOS, the RPOS, RNEG or RDATA outputs are forced low.
24. Attenuation measured with input jitter equal to 3/4 of measured jitter tolerance. Circuit attenuates
jitter at 20 dB/decade above the corner frequency. See Figure 12. Output jitter can increase
significantly when more than 138 UI’s are input to the attenuator. See discussion in the text section.
CS61304A
4
DS156PP2
CS61304A
4
DS156F1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STLC3055WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
TS634DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
PBL38661-2Subscriber Line Interface Circuit 1 2 3 4 5 MoreEricsson
HC5503CUnbalanced PBX/Key System SLIC Subscriber Line Interface Circuit 1 2 3 4 5 Intersil Corporation
MH88422Line Interface Circuit Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
CS61884Octal T1/E1/J1 Line Interface Unit 1 2 3 4 5 MoreCirrus Logic
IDT82V2081SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
PM4325Octal Short Haul T1/E1/J1 Low Latency Transport Line Interface 1 2 PMC-Sierra, Inc
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl