Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61304A-IL Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS61304A-IL
Description  T1/E1 Line Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61304A-IL Datasheet(HTML) 4 Page - Cirrus Logic

  CS61304A-IL Datasheet HTML 1Page - Cirrus Logic CS61304A-IL Datasheet HTML 2Page - Cirrus Logic CS61304A-IL Datasheet HTML 3Page - Cirrus Logic CS61304A-IL Datasheet HTML 4Page - Cirrus Logic CS61304A-IL Datasheet HTML 5Page - Cirrus Logic CS61304A-IL Datasheet HTML 6Page - Cirrus Logic CS61304A-IL Datasheet HTML 7Page - Cirrus Logic CS61304A-IL Datasheet HTML 8Page - Cirrus Logic CS61304A-IL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ANALOG SPECIFICATIONS (TA = -40°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Min
Typ
Max
Units
Receiver
RTIP/RRING Input Impedance
-
50k
-
Sensitivity Below DSX (0dB = 2.4V)
-13.6
500
-
-
-
-
dB
mV
Data Decision Threshold
T1, DSX-1
(Note 19)
T1, DSX-1
(Note 20)
T1, FCC Part 68 and E1
(Note 21)
60
53
45
65
65
50
70
77
55
% of peak
% of peak
% of peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter Tolerance
(Note 22)
10kHz - 100kHz
2kHz
10Hz and below
0.4
6.0
300
-
-
-
-
-
-
UI
UI
UI
Loss of Signal Threshold
(Note 23)
0.25
0.30
0.50
V
Jitter Attenuator
Jitter Attenuation Curve Corner Frequency
(Notes 16, 24)
-
3
-
Hz
Attenuation at 10kHz Jitter Frequency
(Notes 16, 24)
-
50
-
dB
Attenuator Input Jitter Tolerance
(Notes 16, 24)
(Before Onset of FIFO Overflow or Underflow Protection)
138
-
-
UI
Notes: 19. For input amplitude of 1.2 Vpk to 4.14 Vpk.
20. For input amplitude of 0.5 Vpk to 1.2 Vpk and from 4.14 Vpk to RV+.
21. For input amplitude of 1.05 Vpk to 3.3 Vpk.
22. Jitter tolerance increases at lower frequencies. See Figure 11.
23. The analog input squelch circuit shall operate when the input signal amplitude above ground on the
RTIP and RRING pins falls within the range of 0.25V to 0.50V. Operation of the squelch results in
the recovery of zeros. During receive LOS, the RPOS, RNEG or RDATA outputs are forced low.
24. Attenuation measured with input jitter equal to 3/4 of measured jitter tolerance. Circuit attenuates
jitter at 20 dB/decade above the corner frequency. See Figure 12. Output jitter can increase
significantly when more than 138 UI’s are input to the attenuator. See discussion in the text section.
CS61304A
4
DS156PP2
CS61304A
4
DS156F1


Similar Part No. - CS61304A-IL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A-IL1 CIRRUS-CS61305A-IL1 Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A-IP1 CIRRUS-CS61305A-IP1 Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
More results

Similar Description - CS61304A-IL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
   T1/E1/CEPT Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com