Selected language     English  ā–¼


CS61581-IL Datasheet(PDF) 6 Page - Cirrus Logic

Part No. CS61581-IL
Description  T1/E1 Universal Line Interface
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 6 page
background image
CS61581
6
DS211PP8
ANALOG SPECIFICATIONS (Continued)
Notes: 15. Data decision threshold established after the receiver equalizer filters pulse overshoot and undershoot.
16. Jitter tolerance for 0 dB input signal level. Jitter tolerance increases at lower frequencies. See Figure 8.
17. See Receiver Jitter Tolerance Plot, Figure 8.
18. Guaranteed by design.
Parameter
Min
Typ
Max
Units
Receiver
RTIP/RRING Input Impedance
-
20k
-
.
Sensitivity Below DSX (0 dB = 3.0 V) Long Haul, T1
-40
30
-
-
-
-
dB
mV
Sensitivity Below DSX (0 dB = 3.0 V) Long Haul, E1
-36
48
-
-
-
-
dB
mV
Sensitivity Below DSX (0 dB = 3.0 V) T1 - Short Haul
-21
270
-
-
-
-
dB
mV
Sensitivity Below G.703 (0 dB = 2.4 V) E1 - Short Haul
-15
430
-
-
-
-
dB
mV
Loss of Signal Threshold (Note 18)
Long Haul, T1 & E1
T1 Short Haul
E1 Short Haul
-
-
-
-42
-22
-16
-
-
-
dB
dB
dB
Data Decision Threshold (Note 18)
(Note 15)
T1, DSX-1
T1, (FCC Part 68) and E1
-
-
50
50
-
-
% of peak
% of peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter Tolerance - Short Haul
(Note 16)
E1: 18 kHz - 100 kHz
T1: 10 kHz - 100 kHz
(Note 13) 2 kHz
(Note 18) 10 Hz and below
0.20
0.4
6.0
300
-
-
-
-
-
-
-
-
UI
UI
UI
UI
Receiver Input Jitter Tolerance - Long Haul
(Note 17)
E1:10 kHz - 100 kHz
T1:10 kHz - 100 kHz
(Note 13) 1 Hz
0.20
0.4
138
-
-
-
-
UI
UI
UI
CS61581
6
DS211F1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STLC3055WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
TS634DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
PBL38661-2Subscriber Line Interface Circuit 1 2 3 4 5 MoreEricsson
HC5503CUnbalanced PBX/Key System SLIC Subscriber Line Interface Circuit 1 2 3 4 5 Intersil Corporation
MH88422Line Interface Circuit Preliminary Information 1 2 3 4 5 MoreMitel Networks Corporation
CS61884Octal T1/E1/J1 Line Interface Unit 1 2 3 4 5 MoreCirrus Logic
IDT82V2081SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
PM4325Octal Short Haul T1/E1/J1 Low Latency Transport Line Interface 1 2 PMC-Sierra, Inc
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl