Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61581-IL Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS61581-IL
Description  T1/E1 Universal Line Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61581-IL Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS61581-IL Datasheet HTML 11Page - Cirrus Logic CS61581-IL Datasheet HTML 12Page - Cirrus Logic CS61581-IL Datasheet HTML 13Page - Cirrus Logic CS61581-IL Datasheet HTML 14Page - Cirrus Logic CS61581-IL Datasheet HTML 15Page - Cirrus Logic CS61581-IL Datasheet HTML 16Page - Cirrus Logic CS61581-IL Datasheet HTML 17Page - Cirrus Logic CS61581-IL Datasheet HTML 18Page - Cirrus Logic CS61581-IL Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
CS61581
DS211PP8
15
ited using the ANSI T1.231-1993 and ITU-T G.775
criteria, namely 12.5% ones density for 175+/-75
bit periods with no more than 100 consecutive ze-
ros.
In Long Haul operation, the receiver recovers signals
down to -40 dB for T1 and -36 dB for E1. In Short
Haul mode, the receive sensitivity is typically -
21 dB for T1 and -15 dB for E1, in accordance with
I.431 and G.775. LOS will be declared beyond
these signal levels. These LOS thresholds are com-
pliant with all Short Haul applications.
In LOS, the RCLK frequency depends on whether
MCLK is applied, and whether the jitter attenuator
is in the transmit or receive path. If the jitter atten-
uator is in the receive path, the jitter attenuator will
hold over the average incoming data frequency pri-
or to LOS. RPOS (RDATA) and RNEG pins are
forced low upon LOS.
When the jitter attenuator is in the transmit path or
not used, the clock recovery is referenced to
MCLK, if provided, or the crystal oscillator. The
frequency of RCLK in this case will simply remain
slaved to the clock reference upon loss of data. The
recovered clock remains as a 50% duty cycle clock.
The digital PLL in the clock recovery circuit of the
CS61581 generates an internal data clock from the
edges of the incoming pulses (1’s).
Timing is recovered by a phase selector which se-
lects one of the phases from the internal synchroni-
zation clock (one of three clocks, 120 degrees apart
in phase, at 16X the data rate). Since the selection
is made between a limited set of phases, the Digital
Timing Recovery process has a small phase error
built into the sampling process. By choosing 48
possible sampling phases, the CS61581 reduces the
sampling error to a minimum.
2.8
Local Loopback
Local loopback is selected by setting LLOOP high
(pin 27 in Hardware mode, CR1.6 in Host mode).
Selecting local loopback causes the clock and data
on TCLK, TPOS and TNEG (TDATA) to be output
on RCLK, RPOS and RNEG (RDATA). The
RTIP/RRING inputs have no effect on RCLK,
RPOS and RNEG (RDATA) in this mode. Inputs to
the transmitter are still transmitted on TTIP and
TRING unless TAOS has been selected, in which
case AMI-encoded continuous ones are transmitted
at the TCLK frequency.
Frequency in Hz
10
20
30
40
50
60
110
100
1 k
10 k
Maximum
Attenuation
Limit
62411 Requirements
Minimum Attenuation Limit
Measured Performance
0
Figure 10. Typical Jitter Transfer Function - T1
Frequency in Hz
10
20
30
40
50
60
1
20
2400
18 k
100 k
0
G.736
TBR12/13
Measured Performance
Minimum Attenuation Limits
Figure 11. Typical Jitter Transfer Function - E1
CS61581
DS211F1
15


Similar Part No. - CS61581-IL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61582-IQ5 CIRRUS-CS61582-IQ5 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61583-IL5 CIRRUS-CS61583-IL5 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61583-IQ5 CIRRUS-CS61583-IQ5 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
More results

Similar Description - CS61581-IL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
   T1/E1 LINE INTERFACE
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
   T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
   DUAL T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com