Selected language     English  ā–¼


CS61583 Datasheet(PDF) 9 Page - Cirrus Logic

Part No. CS61583
Description  DUAL T1/E1 LINE INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 9 page
background image
OVERVIEW
The CS61583 is a dual line interface for T1/E1
applications, designed for high-volume cards
where low power and high density are required.
One board design can support all T1/E1 short-
haul modes by only changing component values
in the receive and transmit paths (if REFCLK
and TCLK are externally tied together). Figure 5
illustrates applications of the CS61583 in various
environments.
All control of the device is achieved via external
pins, eliminating the need for microprocessor
support. The following pin control options are
available on a per channel basis: line length se-
lection, coder mode, jitter attenuator location,
transmit all ones, local loopback, and remote
loopback.
The line driver generates waveforms compatible
with E1 (CCITT G.703), T1 short haul (DSX-1),
and T1 FCC Part 68 Option A (DS1). A single
transformer turns ratio is used for all waveform
types. The driver internally matches the imped-
ance of the load, providing excellent return loss
to insure superior T1/E1 pulse quality. An addi-
A SYNCHR O N OU S MU X APPLICAT IO N
(i.e., VT1.5 card for SO NET or SD H m ux)
SYN CHR O N OU S A PPLICATIO N
(Including 62411 system s w ith m ultiple T1 lines)
TTIP
TP O S
TNE G
RNE G
TR IN G
RP O S
RR IN G
RT IP
C S 62180B
FR AM ER
JIT TE R
AT TE N U AT OR
C S 61583
LIN E D R IV ER
L INE R E CE IV E R
RE C E IVE
C IRCU IT RY
TR A N S M IT
C IRCU IT RY
RC L K
TC LK
RE FC L K
TTIP
TD A TA
RD A TA
TR IN G
LIN E D R IV ER
AM I
B8ZS ,
HD B 3 ,
CO D E R
RR IN G
RTIP
MU X
C S 61583
JITTE R
A TTE NU A T O R
RE F C L K
RCLK
TC L K
(ga pped )
TTIP
TP O S
TN E G
RNEG
TR IN G
RP O S
RR IN G
RT IP
C S 62180B
FR AM ER
JIT TE R
AT TE N U AT OR
C S 61583
LIN E D R IV ER
LINE RE CE IV ER
RC L K
TC LK
RE F C LK
AIS
D E TE CT
L IN E RE CE IV E R
RE C E IVE
C IRCU IT RY
TR A N S M IT
C IRCU IT RY
RE C E IVE
C IRCU IT RY
TR A N S M IT
C IRCU IT RY
LO O P TIM E D AP P L ICATIO N
Figure 5. Examples of CS61583 Applications
CS61583
DS172PP5
9




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61582DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl