Selected language     English  â–¼


CS61583-IQ5 Datasheet(PDF) 11 Page - Cirrus Logic

Part No. CS61583-IQ5
Description  DUAL T1/E1 LINE INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 11 page
background image
during the transmission of both marks and
spaces. This improves signal quality by minimiz-
ing reflections from the transmitter. Impedance
matching also reduces load power consumption
by a factor of two when compared to the return
loss achieved by using external resistors.
The CS61583 driver will automatically detect an
inactive TLCK input (i.e., no valid data is being
clocked to the driver). When this condition is de-
tected, the driver is forced low (except during
remote loopback) to output spaces and prevent
TTIP and TRING from entering a constant trans-
mit-mark state.
When any transmit configuration established by
CON[2:0], TAOS, or LLOOP changed states, the
transmitter stabilizes within 22 TCLK bit peri-
ods. The transmitter takes longer to stabilize
when RLOOP1 or RLOOP2 is selected because
the timing circuitry must adjust to the new fre-
quency from RCLK.
When the transmitter transformer secondaries are
shorted through a 0.5 ohm resistor, the transmit-
500
1.0
0.5
0
-0.5
0
250
750
1000
NORMALIZED
AMPLITUDE
CS61583
OUTPUT
PULSE SHAPE
TIME (nanoseconds)
ANSI T1.102
SPECIFICATION
Figure 6. Typical Pulse Shape at DSX-1 Cross Connect
269 ns
244 ns
194 ns
219 ns
488 ns
Nominal
Pulse
0
10
50
80
90
100
110
120
-10
-20
Percent
of
nominal
peak
voltage
G.703
Specification
Figure 7. Pulse Mask at the 2048 kbps Interface
C
O
N
2
C
O
N
1
C
O
N
0
Transmit Pulse
Width at 50%
Amplitude
Transmit Pulse Shape
Receiver
Slicing
Level
0
0
0
0
0
1
244 ns (50%)
244 ns (50%)
E1: square, 2.37 Volts into 75
Ω
E1: square, 3.00 Volts into 120
Ω
50%
50%
0
1
0
350 ns (54%)
DSX-1: 0-133 ft. / or DS1 FCC Part 68 Option A with undershoot
65%
0
1
1
350 ns (54%)
DSX-1: 133-266 ft.
65%
1
0
0
350 ns (54%)
DSX-1: 266-399 ft.
65%
1
0
1
350 ns (54%)
DSX-1: 399-533 ft.
65%
1
1
0
350 ns (54%)
DSX-1: 533-655 ft.
65%
1
1
1
324 ns (50%)
DS1: FCC Part 68 Option A (0 dB)
65%
Table 1. Configuration Selection
CS61583
DS172PP5
11




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61582DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl