Selected language     English  ▼


CS61583-IQ5 Datasheet(PDF) 4 Page - Cirrus Logic

Part No. CS61583-IQ5
Description  DUAL T1/E1 LINE INTERFACE
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 4 page
background image
DIGITAL CHARACTERISTICS (TA = -40 to 85 °C; power supply pins within ±5% of nominal)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(Note 7)
VIH
(DV+)-0.5
-
-
V
Low-Level Input Voltage
(Note 7)
VIL
--
0.5
V
High-Level Output Voltage
(Note 8)
(Digital pins)
IOUT = -40 µA
VOH
(DV+)-0.3
-
-
V
Low-Level Output Voltage
(Note 8)
(Digital pins)
IOUT = 1.6 mA
VOL
--
0.3
V
Input Leakage Current
(Digital pins except J-TMS, and J-TDI)
--
±10
µA
Notes:
7. Digital inputs are designed for CMOS logic levels.
8. Digital outputs are TTL compatible and drive CMOS levels into a CMOS load.
ANALOG SPECIFICATIONS (TA = -40 to 85 °C; power supply pins within ±5% of nominal)
Parameter
Min
Typ
Max
Units
Receiver
RTIP/RRING Differential Input Impedance
-
20k
-
Sensitivity Below DSX-1 (0 dB = 2.4 V)
-13.6
-
-
dB
Loss of Signal Threshold
-
0.3
-
V
Data Decision Threshold
T1, DSX-1
(Note 9)
(Note 10)
E1
(Note 11)
(Note 12)
60
55
45
40
65
-
50
-
70
75
55
60
% of
Peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter
10 Hz and below
(Note 13)
Tolerance (DSX-1, E1)
2 kHz
10 kHz - 100 kHz
300
6.0
0.4
-
-
-
-
-
-
UI
UI
UI
Receiver Return Loss
51 kHz - 102 kHz
(Notes 14,
102 kHz - 2.048 MHz
21, and 22)
2.048 MHz - 3.072 MHz
12
18
14
-
-
-
-
-
-
dB
dB
dB
Jitter Attenuator
Jitter Attenuation Curve
T1
(Notes 14 and 15)
Corner Frequency
E1
-
-
4
5.5
-
-
Hz
Hz
Attenuation at 10 kHz Jitter Frequency
(Notes 14 and 15)
-
60
-
dB
Attenuator Input Jitter Tolerance
(Note 14)
(Before Onset of FIFO Overflow or Underflow Protection)
28
43
-
UIpk-pk
Notes:
9. For input amplitude of 1.2 Vpk to 4.14 Vpk
10. For input amplitude of 0.5 Vpk to 1.2 Vpk, and 4.14 Vpk to 5.0 Vpk
11. For input amplitude of 1.07 Vpk to 4.14 Vpk,
12. For input amplitude of 4.14 Vpk to 5.0 Vpk,
13. Jitter tolerance increases at lower frequencies. Refer to the Receiver section.
14. Not production tested. Parameters guaranteed by design and characterization.
15. Attenuation measured with sinusoidal input jitter equal to 3/4 of measured jitter tolerance.
Circuit attenuates jitter at 20 dB/decade above the corner frequency. Output jitter
can increase significantly when more than 28 UI’s are input to the attenuator. Refer to the
Jitter Attenuator section.
CS61583
4
DS172PP5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61582DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61584ADUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl