Selected language     English  ▼


CS61584A-IL5 Datasheet(PDF) 6 Page - Cirrus Logic

Part No. CS61584A-IL5
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 6 page
background image
CS61584A
6
DS261PP5
DS261PP5
ANALOG CHARACTERISTICS (T
A = -40 to 85 °C; power supply pins within ±5% of nominal.)
Notes: 7. For input amplitude of 1.2 Vpk to 4.14 Vpk.
8. For input amplitude of 0.5 Vpk to 1.2 Vpk, and 4.14 Vpk to 5.0 Vpk.
9. For input amplitude of 1.07 Vpk to 4.14 Vpk.
10. For input amplitude of 4.14 Vpk to 5.0 Vpk.
11. Jitter tolerance increases at lower frequencies. Refer to the Receiver section.
12. Not production tested. Parameters guaranteed by design and characterization.
13. Typical performance using the line interface circuitry recommended in the Applications section.
14. Return loss = 20 log10 ABS((z1 + z0) / (z1 - z0)) where z1 = impedance of the transmitter or receiver, and
z0 = cable impedance.
15. Attenuation measured with sinusoidal input jitter equal to 3/4 of measured jitter tolerance. Circuit
attenuates jitter at 20 dB/decade above the corner frequency. Output jitter can increase significantly
when more than 28 UI's are input to the attenuator. The jitter attenuator -3 dB knee in T1 mode is
selectable for 4.0 Hz or 1.25 Hz. Refer to the Jitter Attenuator section.
Parameter
Symbol
Min
Typ
Max
Unit
Receiver
RTIP/RRING Differential Input Impedance
-
20
-
k
Sensitivity Below DSX-1 (0 dB = 2.4 V)
-
-13.6
-
dB
Loss of Signal Threshold
-
0.3
-
V
Data Decision Threshold
T1, DSX-1
(Note 7)
(Note 8)
T1, FCC Part 68 and E1
(Note
9)
(Note 10)
60
55
45
40
65
-
50
-
70
75
55
60
% of
Peak
Allowable Consecutive Zeros before LOS
160
175
190
bits
Receiver Input Jitter Tolerance (DSX-1, E1)
10 Hz and below
(Note 11)
2kHz
10 kHz - 100 kHz
300
6.0
0.4
-
-
-
-
-
-
UI
Receiver Return Loss
(Notes 12, 13, and 14)
51 kHz - 102 kHz
102 kHz - 2.048 MHz
2.048 MHz - 3.072 MHz
12
18
14
22
24
22
-
-
-
dB
Jitter Attenuator
Jitter Attenuator Corner Frequency
T1
(Notes 12 and 15)
E1
1.25
-
4.0
1.25
-
-
Hz
Attenuation at 10 kHz Jitter Frequency
(Notes 12 and 15)
-
60
-
dB
Attenuator Input Jitter Tolerance
(Note 12)
(Before Onset of FIFO Overflow or Underflow Protection)
28
43
-
UIpk-pk
Transmitter
Arbitrary Pulse Amplitude at Transformer Secondary
T1, DSX-1
T1, DS1
E1, 75
E1, 120
-
-
-
-
73
52
43
52
-
-
-
-
mV/LS
B
CS61584A
6
DS261F1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61582DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61583DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl