Selected language     English  ▼


CS61584A-IL5 Datasheet(PDF) 7 Page - Cirrus Logic

Part No. CS61584A-IL5
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 7 page
background image
CS61584A
DS261PP5
7
DS261PP5
ANALOG CHARACTERISTICS (Continued)
Notes: 16. Using a transformer that meets the specifications in the Applications section.
17. Measured across 75
Ω at the output of the transmit transformer for CON3/2/1/0 = 0/0/0/0.
18. Measured across 120
Ω at the output of the transmit transformer for CON3/2/1/0 = 0/0/0/1.
19. Measured at the DSX-1 Cross-Connect for line length settings CON3/2/1/0 = 0/0/1/0, 0/0/1/1, 0/1/0/0,
0/1/0/1, and 0/1/1/0 after the length of #22 ABAM cable specified in Table 1.
20. Input signal to RTIP/RRING is jitter free. Values will reduce slightly if jitter free clock is input to TCLK.
21. Transformer secondary shorted with 0.5
Ω resistor during the transmission of 100% ones.
22. At transformer secondary and measured from 10% to 90% of amplitude.
Parameter
Symbol
Min
Typ
Max
Unit
Transmitter (Continued)
AMI Output Pulse Amplitudes
(Note 16)
E1, 75
(Note 17)
E1, 120
(Note 18)
T1, DSX-1
(Note 19)
2.14
2.7
2.4
2.37
3.0
3.0
2.6
3.3
3.6
V
Recommended Transmitter Output Load (3.3 V)
(Note 16)
T1
E1, 75
E1, 120
-
-
-
24.8
18.6
30.0
-
-
-
Recommended Transmitter Output Load (5.0 V)
(Note 16)
T1
E1, 75
E1, 120
-
-
-
76.6
57.4
90.6
-
-
-
Jitter Added During Remote Loopback
10 Hz - 8 kHz
8kHz - 40 kHz
10 Hz - 40 kHz
Broad Band
(Note 20)
-
-
-
-
0.020
0.015
0.015
0.045
-
-
-
-
UI
Power in 2 kHz band about 772 kHz
(Notes 12 and 13)
(DSX-1 only)
12.6
15
17.9
dBm
Power in 2 kHz band about 1.544 MHz
(Note 12 and 13)
(referenced to power in 2 kHz band at 772 kHz, DSX-1 only)
-29
-38
-
dB
Positive to Negative Pulse Imbalance
(Notes 12 and 13)
T1, DSX-1
E1, amplitude at center fo pulse interval
E1, width at 50% of nominal amplitude
-
-5
-5
0.2
-
-
0.5
5
5
dB
%
%
Transmitter Return Loss
(Notes 12, 13, and 14)
51 kHz - 102 kHz
102 kHz - 2.048 MHz
2.048 MHz - 3.072 MHz
8
14
10
25
18
12
-
-
-
dB
E1 Short Circuit Current
5.0 V
(Note 21)
3.3 V
-
-
-
70
50
-
mArms
mArms
E1 and DSX-1 Output Pulse Rise/Fall Times
(Note 22)
-
50
-
ns
E1 Pulse Width (at 50% of peak amplitude)
-
244
-
ns
E1 Pulse Amplitude for a space
E1, 75
E1, 120
-0.237
-0.3
-
-
0.237
0.3
V
V
CS61584A
DS261F1
7




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61582DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61583DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl