Selected language     English  ▼


CS61584A-IQ5 Datasheet(PDF) 5 Page - Cirrus Logic

Part No. CS61584A-IQ5
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 5 page
background image
CS61584A
DS261PP5
5
DS261PP5
1. CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Notes: 1. Referenced to RGND1, RGND2, TGND1, TGND2, AGND, DGND at 0 V.
2. Transient currents of up to 100 mA will not cause SCR latch-up.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
Notes: 3. TV+1, TV+2, AV+, DV+, RV+1, RV+2 should be connected together. TGND1, TGND2, RGND1, GND2,
DGND1, DGND2, DGND3 should be connected together.
4. Per channel power consumption while driving line load over operating temperature range. Includes
device and load. Digital input levels are within 10% of the supply rails and digital outputs are driving a
50 pF capacitive load.
5. Assumes 100% ones density and maximum line length at maximum supply voltage (3.465 V or 5.25 V).
6. Assumes 50% ones density and 300 ft. line length at typical supply voltage (3.3 V or 5.0 V).
Specifications are subject to change without notice
Parameter
Symbol
Min
Max
Unit
DC Supply (TV+1, TV+2, RV+1, RV+2, AV+, DV+) (Note 1)
-
6.0
V
Input Voltage (Any Pin)
Vin
RGND - 0.3
(RV+) + 0.3
V
Input Current (Any Pin)
(Note 2)
Iin
-10
10
mA
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Unit
DC Supply (TV+1, TV+2, RV+1, RV+2, AV+, DV+) (Note 3)
3.3 V
5.0 V
3.135
4.75
3.3
5.0
3.465
5.25
V
Ambient Operating Temperature
TA
-40
25
85
°C
Power Consumption Per Channel (3.3 V)
(Note 4)
T1
(Note 5)
T1
(Note 6)
E1, 75
(Note 5)
E1, 120
(Note 5)
PC
-
-
-
-
310
190
250
230
-
-
-
-
mW
Power Consumption Per Channel (5.0 V)
(Note 4)
T1
(Note 5)
T1
(Note 6)
E1, 75
(Note 5)
E1, 120
(Note 5)
PC
-
-
-
-
350
250
320
310
-
-
-
-
mW
REFCLK Frequency
T1
1XCLK = 1
T1
1XCLK = 0
(1.544 -
100 ppm)
(12.352 -
100 ppm)
1.544
12.352
(1.544 +
100 ppm)
(12.352 +
100 ppm)
MHz
MHz
REFCLK Frequency
E1
1XCLK = 1
E1
1XCLK = 0
(2.048 -
100 ppm)
(16.384 -
100 ppm)
2.048
16.384
(2.048 +
100 ppm)
(16.384 +
100 ppm)
MHz
MHz
CS61584A
DS261F1
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61582DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61583DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl