Selected language     English  ▼


CS61584A-IQ5 Datasheet(PDF) 10 Page - Cirrus Logic

Part No. CS61584A-IQ5
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 10 page
background image
CS61584A
10
DS261PP5
DS261PP5
SWITCHING CHARACTERISTICS - SERIAL PORT (T
A = -40 to 85 °C; DV+, TV+, RV+ =
nominal ± 0.3 V; Inputs: Logic 0 = 0 V, Logic 1 = RV+)
Notes: 28. If SPOL = 0, then CS should return high no sooner than 20 ns after the 16th rising edge of SCLK during
a serial port read.
29. Output load capacitance = 50 pF.
Parameter
Symbol
Min
Typ
Max
Unit
SDI to SCLK Setup Time
tdc
25
-
-
ns
SCLK to SDI Hold Time
tcdh
25
-
-
ns
SCLK Low Time
tcl
50
-
-
ns
SCLK High Time
tch
50
-
-
ns
SCLK Rise and Fall Time
tr, tf
-
-
15
ns
CS to SCLK Setup Time
tcc
20
-
-
ns
SCLK to CS Hold Time
(Note 28)
tcch
20
-
-
ns
CS Inactive Time
tcwh
100
-
-
ns
SDO Valid to SCLK
(Note 29)
tcdv
-
-
50
ns
CS to SDO High Z
tcdz
-50
-
ns
t dc
t cc
LSB
LSB
MSB
CONTROL BYTE
DATA BYTE
CS
SCLK
SDI
t ch
t cwh
t cch
t cdh
t cl
t cdh
Figure 4. Serial Port Write Timing Diagram
HIGH
CS
SCLK
SDO
SPOL = 0
t cdz
cdv
t
Figure 5. Serial Port Read Timing Diagram
CS61584A
10
DS261F1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61582DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61583DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl