Selected language     English  ▼


CS61584A-IQ3Z Datasheet(PDF) 11 Page - Cirrus Logic

Part No. CS61584A-IQ3Z
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 11 page
background image
CS61584A
DS261PP5
11
DS261PP5
SWITCHING CHARACTERISTICS - PARALLEL PORT (T
A = -40 to 85 °C;
TV+, RV+ = nominal ± 0.3 V; Inputs: Logic 0 = 0 V, Logic 1 = RV+)
Parameter
Symbol
Min
Max
Unit
Cycle Time
tcyc
250
-
ns
Pulse Width, DS Low or RD High
PWel
150
-
ns
Pulse Width, DS High or RD Low
PWeh
150
-
ns
Input Rise/Fall Times
tr, tf
-30
ns
R/W Hold Time
trwh
10
-
ns
R/W Setup Time Before DS High
trws
50
-
ns
CS Setup Time Before DS, WR, or RD Active
tcs
50
-
ns
CS Setup Time Before DS, WR, or RD Active for RAM/ROM
tcsr
130
-
ns
CS Hold Time
tch
20
-
ns
Read Data Hold Time
tdhr
10
80
ns
Write Data Hold Time
tdhw
5-
ns
Muxed Address Valid to AS or ALE Fall
tasl
15
-
ns
Muxed Address Hold Time
tahl
10
-
ns
Delay Time DS, WR, or RD to AS or ALE Rise
tasd
25
-
ns
Pulse Width AS or ALE High
40
-
ns
Delay Time AS or ALE to DS, WR, or RD
tased
40
-
ns
Output Data Delay Time from DS or RD
tddr
20
120
ns
Data Setup Time
tdsw
80
-
ns
DTACK Delay
tdkd
5-
ns
DTACK Hold Time
tdkh
5-
ns
AS/ALE Min Low Interval for RAM/ROM
taamir
50
-
ns
CS61584A
DS261F1
11




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61582DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61583DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl