Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7312-IV-90 Datasheet(PDF) 9 Page - Cirrus Logic

Part # EP7312-IV-90
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7312-IV-90 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button EP7312-IV-90 Datasheet HTML 5Page - Cirrus Logic EP7312-IV-90 Datasheet HTML 6Page - Cirrus Logic EP7312-IV-90 Datasheet HTML 7Page - Cirrus Logic EP7312-IV-90 Datasheet HTML 8Page - Cirrus Logic EP7312-IV-90 Datasheet HTML 9Page - Cirrus Logic EP7312-IV-90 Datasheet HTML 10Page - Cirrus Logic EP7312-IV-90 Datasheet HTML 11Page - Cirrus Logic EP7312-IV-90 Datasheet HTML 12Page - Cirrus Logic EP7312-IV-90 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
DS508PP5
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
9
EP7312
High-Performance, Low-Power System on Chip
64-Key Keypad Interface
Matrix keyboards and keypads can be easily read by the
EP7312. A dedicated 8-bit column driver output
generates strobes for each keyboard column signal. The
pins of Port A, when configured as inputs, can be
selectively OR'ed together to provide a keyboard
interrupt that is capable of waking the system from a
STANDBY or IDLE state. The Keypad Interface has these
features:
• Column outputs can be individually set high with the
remaining bits left at high-impedance
• Column outputs can be driven all-low, all-high, or all-
high-impedance
• Keyboard interrupt driven by OR'ing together all Port
Abits
• Keyboard interrupt can be used to wake up the
system
•8
×8 keyboard matrix usable with no external logic,
extra keys can be added with minimal glue logic
Table 10 shows the Keypad Interface Pin Assignments.
Interrupt Controller
When unexpected events arise during the execution of a
program (i.e., interrupt or memory fault) an exception is
usually generated. When these exceptions occur at the
same time, a fixed priority system determines the order
in which they are handled. The EP7312 interrupt
controller has two interrupt types: interrupt request
(IRQ) and fast interrupt request (FIQ). The interrupt
controller has the ability to control interrupts from 22
different FIQ and IRQ sources. The Interrupt controller
has these features:
• Supports 22 interrupts from a variety of sources (such
as UARTs, SSI1, and key matrix.)
• Routesinterrupt sourcestothe ARM720T’sIRQ or
FIQ (Fast IRQ) inputs
• Five dedicated off-chip interrupt lines operate as level
sensitive interrupts
Table 11 shows the interrupt controller pin assignments.
.
Note:
Pins are multiplexed. See Table 19onpage11 for
more information.
Real-Time Clock
The EP7312 contains a 32-bit Real Time Clock (RTC) that
can be written to and read from in the same manner as
the timer counters. It also contains a 32-bit output match
register which can be programmed to generate an
interrupt.
• Driven by an external 32.768 kHz crystal oscillator
Table 12 shows the Real-Time Clock pin assignments.
PLL and Clocking
The EP7312 processor and peripheral clocks have these
features:
• Processor and peripheral clocks operate from a single
3.6864 MHz crystal or external 13 MHz clock
• Programmable clock speeds allow the peripheral bus
to run at 18 MHz when the processor is set to 18 MHz
and at 36 MHz when the processor is set to 36, 49 or
74 MHz, and at 45 MHz when the processor is set to
90 MHz.
Table 13 shows the PLL and clocking pin assignments.
Table 10. Keypad Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
COL[7:0]
O
Keyboard scanner column drive
Table 11. Interrupt Controller Pin Assignments
Pin Mnemonic
I/O
Pin Description
nEINT[2:1]
I
External interrupt
EINT[3]
I
External interrupt
nEXTFIQ
I
External Fast Interrupt input
nMEDCHG/nBROM
(Note)
I
Media change interrupt input
Table 12. Real-Time Clock Pin Assignments
Pin Mnemonic
Pin Description
RTCIN
Real-Time Clock Oscillator Input
RTCOUT
Real-Time Clock Oscillator Output
VDDRTC
Real-Time Clock Oscillator Power
VSSRTC
Real-Time Clock Oscillator Ground
Table 13. PLL and Clocking Pin Assignments
Pin Mnemonic
Pin Description
MOSCIN
Main Oscillator Input
MOSCOUT
Main Oscillator Output
VDDOSC
Main Oscillator Power
VSSOSC
Main Oscillator Ground


Similar Part No. - EP7312-IV-90

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7312-IV-90 CIRRUS-EP7312-IV-90 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
More results

Similar Description - EP7312-IV-90

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7311 CIRRUS-EP7311 Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309 CIRRUS-EP7309 Datasheet
1Mb / 46P
   HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
CS89712 CIRRUS-CS89712 Datasheet
2Mb / 170P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH 10BASE-T ETHERNET CONTROLLER
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
logo
ams AG
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
   Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com