Selected language     English  ▼


CS61584A-IQ5Z Datasheet(PDF) 1 Page - Cirrus Logic

Part No. CS61584A-IQ5Z
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 1 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
Features
l Dual T1/E1 Line Interface
l 3.3 Volt and 5 Volt Versions
l Crystal-less Jitter Attenuator Meets
European CTR 12 and ETSI ETS 300 011
Specifications
l Matched Impedance Transmit Drivers
l Transmitter Tri-state Capability
l Common Transmit and
ReceiveTransformers for all Modes
l Serial and Parallel Host Mode Operation
l User-customizable Pulse Shapes
l Supports JTAG Boundary Scan
l Compliant with:
– ITU-T Recommendations: G.703, G.704,
G.706, G.732, G.775 and I.431
– American National Standards (ANSI): T1.102,
T1.105, T1.403, T1.408, and T1.231
– FCC Rules and Regulations: Part 68 and Part
15
– AT&T Publication 62411
– ETSI ETS 300 011, 300 233, CTR 12, TBR 13
l TR-NET-00499
Description
The CS61584A is a dual line interface for T1/E1 appli-
cations, designed for high-volume cards where low
power and high density are required. The device is op-
timized for flexible microprocessor control through a
serial or parallel Host mode interface. Hardware mode
operation is also available.
Matched impedance drivers reduce power consumption
and provide substantial transmitter return loss. The
transmitter pulse shapes are customizable to allow non-
standard line loads. Crystalless jitter attenuation com-
plies with most stringent standards. Support of JTAG
boundary
scan
enhances
system
testability
and
reliability.
ORDERING INFORMATION
See page 53.
CS61584A-IQ3:3.3V, 64-pin TQFP, -40 to +85° C
CS61584A-IL5:5.0V, 68-pin PLCC, -40 to +85° C
CS61584A-IQ5:5.0V, 64-pin TQFP, -40 to +85° C
TTIP1
TRING1
RRING1
RTIP1
DRIVER
CONTROL
TCLK1
RCLK1
RESET
JTAG
4
REFCLK
XTALOUT
1XCLK
TV+ TGND RV+ RGND DV+ DGND
CLOCK GENERATOR
Serial Port
Parallel Port
Hardware Mode
INT
INT
RLOOP1
SCLK
RD(DS)
RLOOP2
SDO
AD0
LLOOP
SDI
AD1
TAOS1
AD3
CON01
AD4
CON02
AD5
CON11
AD6
CON12
AD7
CON21
ALE(AS)
CON22
BTS
CON32
(TDATA1) TPOS1
(AIS1) TNEG1
(RDATA1) RPOS1
(BPV1) RNEG1
L
O
C
A
L
L
O
O
P
B
A
C
K
2
AV+ AGND BGREF
MODE
WR(R/W)
CON31
SPOL
AD2
TAOS2
PD1
SAD4
ZTX1
PD2
SAD5
ZTX2
LOS1
SAD6
LOS1
LOS2
SAD7
LOS2
PULSE
SHAPING
CIRCUITRY
CLOCK &
DATA
RECOVERY
LOS &
AIS
DETECT
JITTER
ATTENUATOR
P/S
P/S
ATTEN0
CS
CS
ATTEN1
TAOS
E
N
C
O
D
E
R
D
E
C
O
D
E
R
CONTROL
Hardware Mode
Parallel Port
Serial Port
L
O
C
A
L
L
O
O
P
B
A
C
K
1
R
E
M
O
T
E
L
O
O
P
B
A
C
K
TTIP2
TRING2
RRING2
RTIP2
DRIVER
TCLK2
RCLK2
(TDATA2) TPOS2
(AIS2) TNEG2
(RDATA2) RPOS2
(BPV2) RNEG2
L
O
C
A
L
L
O
O
P
B
A
C
K
2
PULSE
SHAPING
CIRCUITRY
CLOCK &
DATA
RECOVERY
LOS &
AIS
DETECT
JITTER
ATTENUATOR
TAOS
E
N
C
O
D
E
R
D
E
C
O
D
E
R
L
O
C
A
L
L
O
O
P
B
A
C
K
1
R
E
M
O
T
E
L
O
O
P
B
A
C
K
2
2
2
2
3
RECEIVER
RECEIVER
IPOL (DTACK)
CLKE
IPOL
Dual T1/E1 Line Interface
JAN ‘01
DS261PP5
CS61584A
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS61584A
Dual T1/E1 Line Interface
SEP ‘05
DS261F1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS635DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
0553-0013-1JT1/CEPT Dual Line Interface Transformers 1 2 Bel Fuse Inc.
L9219ALow-Cost Line Interface with Reverse Battery and Dual Current Limit 1 2 3 4 5 MoreAgere Systems
TISPPBL3DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON MICROELECTRONICS SUBSCRIBER LINE INTERFACE CIRCUITS SLIC 1 2 3 4 5 MoreBourns Electronic Solutions
APC78147Dual ADSL SMD Line Interface Hybrid 1 2 Bel Fuse Inc.
CS61582DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
IDT82V2082DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT 1 2 3 4 5 MoreIntegrated Device Technology
CS61583DUAL T1/E1 LINE INTERFACE 1 2 3 4 5 MoreCirrus Logic
LXT331Dual T1/E1 Line Interface Unit 1 2 3 4 5 MoreLevel One
LXT332Dual T1/E1 Line Interface Unit with Crystal-less Attenuation 1 2 3 4 5 MoreLevel One

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl