Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61584A-IQ5Z Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS61584A-IQ5Z
Description  DUAL T1/E1 LINE INTERFACE
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IQ5Z Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS61584A-IQ5Z Datasheet HTML 30Page - Cirrus Logic CS61584A-IQ5Z Datasheet HTML 31Page - Cirrus Logic CS61584A-IQ5Z Datasheet HTML 32Page - Cirrus Logic CS61584A-IQ5Z Datasheet HTML 33Page - Cirrus Logic CS61584A-IQ5Z Datasheet HTML 34Page - Cirrus Logic CS61584A-IQ5Z Datasheet HTML 35Page - Cirrus Logic CS61584A-IQ5Z Datasheet HTML 36Page - Cirrus Logic CS61584A-IQ5Z Datasheet HTML 37Page - Cirrus Logic CS61584A-IQ5Z Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
CS61584A
34
DS261PP5
DS261PP5
10.5
Run-Test/Idle State
This is a controller state between scan operations.
Once in this state, the controller remains in the state
as long as J-TMS is held low. The instruction reg-
ister and all test data registers retain their previous
state. When J-TMS is high and a rising edge is ap-
plied to J-TCK, the controller moves to the Select-
DR state.
10.6
Select-DR-Scan State
This is a temporary controller state and the instruc-
tion does not change in this state. The test data reg-
ister selected by the current instruction retains its
previous state. If J-TMS is held low and a rising
edge is applied to J-TCK when in this state, the
controller moves into the Capture-DR state and a
scan sequence for the selected test data register is
initiated. If J-TMS is held high and a rising edge
applied to J-TCK, the controller moves to the Se-
lect-IR-Scan state.
10.7
Capture-DR State
In this state, the Boundary Scan Register captures
input pin data if the current instruction is EXTEST
or SAMPLE/PRELOAD. The instruction does not
change in this state. The other test data registers,
which do not have parallel input, are not changed.
When the TAP controller is in this state and a rising
edge is applied to J-TCK, the controller enters the
Exit1-DR state if J-TMS is high or the Shift-DR
state if J-TMS is low.
10.8
Shift-DR State
In this controller state, the test data register con-
nected between J-TDI and J-TDO as a result of the
current instruction shifts data on stage toward its
serial output on each rising edge of J-TCK. The in-
struction does not change in this state. When the
TAP controller is in this state and a rising edge is
applied to J-TCK, the controller enters the Exit1-
DR state if J-TMS is high or remains in the Shift-
DR state if J-TMS is low.
10.9
Exit1-DR State
This is a temporary state. While in this state, if J-
TMS is held high, a rising edge applied to J-TCK
causes the controller to enter the Update-DR state,
which terminates the scanning process. If J-TMS is
held low and a rising edge is applied to J-TCK, the
controller enters the Pause-DR state. The test data
register selected by the current instruction retains
its previous value and the instruction does not
change during this state.
Test-Logic-Reset
Run-Test/Idle
Select-DR-Scan
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Exit2-DR
Update-DR
Select-IR-Scan
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Exit2-IR
Update-IR
1
0
0
1
1
0
1
0
1
1
0
1
0
0
1
0
1
0
0
1
1
0
1
1
0
1
0
0
1
0
1
0
Figure 24. TAP Controller State Diagram
CS61584A
34
DS261F1


Similar Part No. - CS61584A-IQ5Z

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
   T1/E1 Universal Line Interface
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61582-IQ5 CIRRUS-CS61582-IQ5 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
More results

Similar Description - CS61584A-IQ5Z

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
   DUAL T1/E1 LINE INTERFACE
CS61582 CIRRUS-CS61582 Datasheet
484Kb / 32P
   DUAL T1/E1 LINE INTERFACE
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
   Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
   T1/E1 Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
   T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
   T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
   T1/E1 Line Interface
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
   T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
   T1/E1 LINE INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com