Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9315-CB Datasheet(PDF) 10 Page - Cirrus Logic

Part # EP9315-CB
Description  Enhanced Universal Platform System-on-Chip Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9315-CB Datasheet(HTML) 10 Page - Cirrus Logic

Back Button EP9315-CB Datasheet HTML 6Page - Cirrus Logic EP9315-CB Datasheet HTML 7Page - Cirrus Logic EP9315-CB Datasheet HTML 8Page - Cirrus Logic EP9315-CB Datasheet HTML 9Page - Cirrus Logic EP9315-CB Datasheet HTML 10Page - Cirrus Logic EP9315-CB Datasheet HTML 11Page - Cirrus Logic EP9315-CB Datasheet HTML 12Page - Cirrus Logic EP9315-CB Datasheet HTML 13Page - Cirrus Logic EP9315-CB Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
©Copyright 2005 Cirrus Logic (All Rights Reserved)
DS638PP4
EP9315
Enhanced Universal Platform SOC Processor
Real-Time Clock with Software Trim
The software trim feature on the real time clock (RTC)
provides software controlled digital compensation of the
32.768 kHz input clock. This compensation is accurate to
± 1.24 sec/month.
Note:
A real time clock must be connected to RTCXTALI or
the EP9315 device will not boot.
PLL and Clocking
The processor and the peripheral clocks operate from a
single 14.7456 MHz crystal.
The real time clock operates from a 32.768 kHz external
oscillator.
Timers
The Watchdog Timer insures proper operation by
requiring periodic attention to prevent a reset-on-time-
out.
Two 16-bit timers operate as free running down-counters
or as periodic timers for fixed interval interrupts and have
a range of 0.03 ms to 4.27 seconds.
One 32-bit timer, plus a 6-bit prescale counter, has a
range of 0.03
µs to 73.3 hours.
One 40-bit debug timer, plus 6-bit prescale counter, has a
range of 1.0
µs to 12.7 days.
Interrupt Controller
The interrupt controller allows up to 64 interrupts to
generate an Interrupt Request (IRQ) or Fast Interrupt
Request (FIQ) signal to the processor core. Thirty-two
hardware priority assignments are provided for assisting
IRQ vectoring, and two levels are provided for FIQ
vectoring. This allows time critical interrupts to be
processed
in
the
shortest
time
possible.
Internal
interrupts may be programmed as active-high or active-
low, level-sensitive inputs. GPIO may be programmed as
active-high
level-sensitive,
active-low
level-sensitive,
rising-edge-triggered, falling-edge-triggered, or combined
rising/falling-edge-triggered.
Supports 64 interrupts from a variety of sources (such
as UARTs, GPIO, and key matrix)
Routes interrupt sources to either the ARM920T’s
IRQ or FIQ (Fast IRQ) inputs
Four dedicated off-chip interrupt lines INT[3:0]
operate as active-high, level-sensitive interrupts
Any of the 16 GPIO lines maybe configured to
generate interrupts
Software supported priority mask for all FIQs and
IRQs
Dual LED Drivers
Two pins are assigned specifically to drive external
LEDs.
General Purpose Input/Output (GPIO)
The 16 EGPIO pins may each be configured individually
as an output, an input, or an interrupt input. Port F may
be configured as GPIO. Each Port F pin may be
configured individually as an output, input or an interrupt
input.
There are 23 pins that may be used as alternate inputs or
outputs, but do not support interrupts. These pins are:
• Key Matrix ROW[7:0], COL[7:0]
• Ethernet MDIO
• Both LED Outputs
• Two-wire Clock and Data
• SLA [1:0]
6 pins may alternatively be used as inputs only:
• CTSn, DSRn / DCDn
• 4 Interrupt Lines
2 pins may alternatively be used as outputs only:
•RTSn
•ARSTn
Table L. Real-Time Clock with Pin Assignments
Pin Mnemonic
Pin Name - Description
RTCXTALI
Real-Time Clock Oscillator Input
RTCXTALO
Real-Time Clock Oscillator Output
Table M. PLL and Clocking Pin Assignments
Pin Mnemonic
Pin Name - Description
XTALI
Main Oscillator Input
XTALO
Main Oscillator Output
VDD_PLL
Main Oscillator Power
GND_PLL
Main Oscillator Ground
Table N. External Interrupt Pin Assignment
Pin Mnemonic
Pin Name - Description
INT[3:0]
External Interrupt 3-0
Table O. Dual LED Pin Assignments
Pin Mnemonic
Pin Name -
Description
Alternative Usage
GRLED
Green LED
General Purpose I/O
REDLED
Red LED
General Purpose I/O


Similar Part No. - EP9315-CB

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9315 PCA-EP9315 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9315 PCA-EP9315 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
More results

Similar Description - EP9315-CB

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
TA7S04 ETC1-TA7S04 Datasheet
1Mb / 198P
   Triscend A7S Configurable System-on-Chip Platform
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
Cirrus Logic
EP9301 CIRRUS-EP9301 Datasheet
297Kb / 41P
   Entry-level ARM9 System-on-chip Processor
logo
Linear Technology
LTC2986 LINER-LTC2986 Datasheet
1Mb / 14P
   Input Protected Universal Temperature Measurement System on a Chip
logo
Cirrus Logic
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
logo
Carlo Gavazzi Holding A...
UWP3.0 CARLOGAVAZZI-UWP3.0 Datasheet
2Mb / 21P
   Universal web platform
logo
Infineon Technologies A...
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
logo
Cirrus Logic
EP9302 CIRRUS-EP9302 Datasheet
302Kb / 42P
   High-speed ARM9 System-on-chip Processor with MaverickCrunch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com