Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9302-EQ Datasheet(PDF) 6 Page - Cirrus Logic

Part # EP9302-EQ
Description  High-speed ARM9 System-on-chip Processor with MaverickCrunch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP9302-EQ Datasheet(HTML) 6 Page - Cirrus Logic

Back Button EP9302-EQ Datasheet HTML 2Page - Cirrus Logic EP9302-EQ Datasheet HTML 3Page - Cirrus Logic EP9302-EQ Datasheet HTML 4Page - Cirrus Logic EP9302-EQ Datasheet HTML 5Page - Cirrus Logic EP9302-EQ Datasheet HTML 6Page - Cirrus Logic EP9302-EQ Datasheet HTML 7Page - Cirrus Logic EP9302-EQ Datasheet HTML 8Page - Cirrus Logic EP9302-EQ Datasheet HTML 9Page - Cirrus Logic EP9302-EQ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
©Copyright 2005 Cirrus Logic (All Rights Reserved)
DS653PP3
EP9302
High-speed ARM9 System-on-chip Processor with MaverickCrunch
Processor Core - ARM920T
The ARM920T is a Harvard architecture processor with
separate 16-kbyte instruction and data caches with an 8-
word line length but a unified memory. The processor
utilizes a five-stage pipeline consisting of fetch, decode,
execute, memory, and write stages. Key features include:
ARM (32-bit) and Thumb (16-bit compressed)
instruction sets
32-bit Advanced Micro-Controller Bus Architecture
(AMBA)
16 kbyte Instruction Cache with lockdown
16 kbyte Data Cache (programmable write-through or
write-back) with lockdown
MMU for Linux®, Microsoft® Windows® CE and other
operating systems
Translation Look Aside Buffers with 64 Data and 64
Instruction Entries
Programmable Page Sizes of 1 Mbyte, 64 kbyte,
4 kbyte, and 1 kbyte
Independent lockdown of TLB Entries
MaverickCrunchMath Engine
The
MaverickCrunch
Engine
is
a
mixed-mode
coprocessor designed primarily to accelerate the math
processing required to rapidly encode digital audio
formats. It accelerates single and double precision
integer and floating point operations plus an integer
multiply-accumulate
(MAC)
instruction
that
is
considerably faster than the ARM920T's native MAC
instruction. The ARM920T coprocessor interface is
utilized thereby sharing its memory interface and
instruction stream. Hardware forwarding and interlock
allows the ARM to handle looping and addressing while
MaverickCrunch handles computation. Features include:
IEEE-754 single and double precision floating point
32 / 64-bit integer
Add / multiply / compare
Integer MAC 32-bit input with 72-bit accumulate
Integer Shifts
Floating point to/from integer conversion
Sixteen 64-bit register files
Four 72-bit accumulators
MaverickKeyUnique ID
MaverickKey unique hardware programmed IDs are a
solution to the growing concern over secure web content
and commerce. With Internet
security
playing an
important role in the delivery of digital media such as
books or music, traditional software methods are quickly
becoming unreliable. The MaverickKey unique IDs
provide OEMs with a method of utilizing specific
hardware IDs such as those assigned for SDMI (Secure
Digital Music Initiative) or any other authentication
mechanism.
Both a specific 32-bit ID as well as a 128-bit random ID
are programmed into the EP9302 through the use of
laser probing technology. These IDs can then be used to
match secure copyrighted content with the ID of the
target device the EP9302 is powering, and then deliver
the copyrighted information over a secure connection. In
addition, secure
transactions
can
benefit
by
also
matching device IDs to server IDs. MaverickKey IDs
provide a level of hardware security required for today’s
Internet appliances.
General Purpose Memory Interface (SDRAM,
SRAM, ROM, Flash)
The EP9302 features a unified memory address model
where all memory devices are accessed over a common
address/data bus. Memory accesses are performed via
the Processor bus. The SRAM memory controller
supports 8 and 16-bit devices and accommodates an
internal boot ROM concurrently with 16-bit SDRAM
memory.
1 to 4 banks of 16-bit ,100-MHz SDRAM
Address and data bus shared between SDRAM,
SRAM, ROM, and FLASH memory
NOR FLASH memory supported
Table B. General Purpose Memory Interface Pin Assignments
Pin Mnemonic
Pin Description
SDCLK
SDRAM Clock
SDCLKEN
SDRAM Clock Enable
SDCSn[3:0]
SDRAM Chip Selects 3-0
RASn
SDRAM RAS
CASn
SDRAM CAS
SDWEn
SDRAM Write Enable
CSn[7:6] and CSn[3:0]
Chip Selects 7, 6, 3, 2, 1, 0
AD[25:0]
Address Bus 25-0
DA[15:0]
Data Bus 15-0
DQMn[1:0]
SDRAM Output Enables / Data Masks
WRn
SRAM Write Strobe
RDn
SRAM Read / OE Strobe
WAITn
SRAM Wait Input


Similar Part No. - EP9302-EQ

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9302 PCA-EP9302 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP9302 PCA-EP9302 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
More results

Similar Description - EP9302-EQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP9301 CIRRUS-EP9301 Datasheet
297Kb / 41P
   Entry-level ARM9 System-on-chip Processor
logo
List of Unclassifed Man...
ARM920T ETC-ARM920T Datasheet
129Kb / 12P
   System-on-Chip Platform OS Processor
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
Cirrus Logic
EP9312 CIRRUS-EP9312 Datasheet
884Kb / 62P
   Universal Platform System-on-chip Processor
EP9315 CIRRUS-EP9315 Datasheet
1Mb / 64P
   Enhanced Universal Platform System-on-Chip Processor
logo
Cypress Semiconductor
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com