Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF08134B Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PF08134B
Description  MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PF08134B Datasheet(HTML) 5 Page - Renesas Technology Corp

  PF08134B Datasheet HTML 1Page - Renesas Technology Corp PF08134B Datasheet HTML 2Page - Renesas Technology Corp PF08134B Datasheet HTML 3Page - Renesas Technology Corp PF08134B Datasheet HTML 4Page - Renesas Technology Corp PF08134B Datasheet HTML 5Page - Renesas Technology Corp PF08134B Datasheet HTML 6Page - Renesas Technology Corp PF08134B Datasheet HTML 7Page - Renesas Technology Corp PF08134B Datasheet HTML 8Page - Renesas Technology Corp PF08134B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PF08134B
Rev.1.01, May 13, 2004, page 5 of 13
Electrical Characteristics for DCS1900 band
(Tc = 25°C)
Test conditions unless otherwise noted:
f = 1850 to 1910 MHz, Vdd1 = Vdd2 = 3.5 V, Pin = 0 dBm, Vctl = 0 V, Rg = Rl = 50
Ω, Tc = 25°C,
Pulse operation with pulse width 1154
µs and duty cycle 2:8 shall be used.
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Frequency range
f
1850
1910
MHz
Band select (DCS active)
Vctl
0
0.1
V
Input power
Pin
–2
2
dBm
Control voltage range
Vapc
0.2
2.2
V
Supply voltage
Vdd
3.1
3.5
4.5
V
Total efficiency
η
T
40
47
%
2nd harmonic distortion
2nd H.D.
–15
–3
dBm
3rd harmonic distortion
3rd H.D.
–8
–3
dBm
4th~8th harmonic distortion
4th~8th H.D.
–3
dBm
Input VSWR
VSWR (in)
1.5
3
Pout DCS = 32.0 dBm,
Vapc controlled
Output power (1)
Pout (1)
32.0
33.0
dBm
Vapc = 2.2 V
Output power (2)
Pout (2)
30.5
31.5
dBm
Vdd = 3.1 V, Vapc = 2.2 V, Tc = +85°C
Idd at Low power
150
mA
Pout DCS = 5 dBm
Isolation
–42
–37
dBm
Vapc = 0.2 V
Switching time
tr, tf
1
2
µs
Pout DCS = 0 to 32.0 dBm
Stability
No parasitic oscillation
< –36 dBm
Vdd = 3.1 to 4.5 V, Pout DCS ≤ 32.0 dBm,
Vapc DCS ≤ 2.2 V, Rg = 50 Ω,
Output VSWR = 6 : 1 All phase angles
Load VSWR tolerance
No degradation
or
Permanent degradation
Vdd = 3.1 to 4.5 V, Pout DCS ≤ 32.0 dBm,
Vapc DCS ≤ 2.2 V, Rg = 50 Ω, t = 20 sec.,
Output VSWR = 10 : 1 All phase angles
Load VSWR tolerance
at GPRS CLASS 12
operation
No degradation
or
Permanent degradation
Vdd = 3.1 to 4.2 V, Pout DCS ≤ 32.0 dBm,
Vapc DCS ≤ 2.2 V, Rg = 50 Ω, t = 20 sec.,
Tc
≤ 90°C,
Output VSWR = 10 : 1 All phase angles
Slope Pout/Vapc
160
200
dB/V
Pout DCS = 0 to 32.0 dBm
AM output
15
20
%
Pout DCS = 0 to 32.0 dBm,
4% AM modulation at input
50 kHz modulation frequency


Similar Part No. - PF08134B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
More results

Similar Description - PF08134B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
PF08127 RENESAS-PF08127 Datasheet
140Kb / 18P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
Oct. 2002
E2081606_PF08127B RENESAS-E2081606_PF08127B Datasheet
183Kb / 16P
   MOS FET Power Amplifier Module for E-GSM and DCS1800/1900 Triple Band Handy Phone
logo
Hitachi Semiconductor
PF08103A HITACHI-PF08103A Datasheet
42Kb / 8P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
logo
Renesas Technology Corp
PF08109B RENESAS-PF08109B Datasheet
249Kb / 25P
   MOS FET Power Amplifier Module for E-GSM and DCS1800 Dual Band Handy Phone
logo
Hitachi Semiconductor
PF0415A HITACHI-PF0415A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for PCS 1900 Handy Phone
PF08103B HITACHI-PF08103B Datasheet
34Kb / 7P
   MOS FET Power Amplifier Module for E-GSM900 and DCS1800 Dual Band Handy Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
   MOS FET Power Amplifier Module for AMPS Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com