Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTV16857DGG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSTV16857DGG
Description  14-bit SSTL_2 registered driver with differential clock inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTV16857DGG Datasheet(HTML) 5 Page - NXP Semiconductors

  SSTV16857DGG Datasheet HTML 1Page - NXP Semiconductors SSTV16857DGG Datasheet HTML 2Page - NXP Semiconductors SSTV16857DGG Datasheet HTML 3Page - NXP Semiconductors SSTV16857DGG Datasheet HTML 4Page - NXP Semiconductors SSTV16857DGG Datasheet HTML 5Page - NXP Semiconductors SSTV16857DGG Datasheet HTML 6Page - NXP Semiconductors SSTV16857DGG Datasheet HTML 7Page - NXP Semiconductors SSTV16857DGG Datasheet HTML 8Page - NXP Semiconductors SSTV16857DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product data
SSTV16857
14-bit SSTL_2 registered driver
with differential clock inputs
2002 Sep 27
5
RECOMMENDED OPERATING CONDITIONS1
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.3
2.5
2.7
V
VDDQ
Output supply voltage
2.3
2.5
2.7
V
VREF
Reference voltage
(VREF = 0.5 x VDDQ)
1.15
1.25
1.35
V
VTT
Termination voltage
VREF – 40 mV
VREF
VREF + 40 mV
V
VI
Input voltage
0
VCC
V
VIH
AC HIGH-level input voltage
All inputs
VREF + 350 mV
V
VIL
AC LOW-level input voltage
All inputs
VREF – 350 mV
V
VIH
DC HIGH-level input voltage
All inputs
VREF + 180 mV
VDDQ + 0.5 V
V
VIL
DC LOW-level input voltage
All inputs
VSS – 0.5 V
VREF – 180 mV
V
IOH
HIGH-level output current
–20
mA
IOL
LOW-level output current
20
mA
Tamb
Operating free-air temperature range
0
70
°C
NOTE:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = 0 to +70
°C
UNIT
MIN
TYP2
MAX
VIK
I/O supply voltage
VCC = 2.3 V; II = –18 mA
–1.2
V
HIGH level output voltage
VCC = 2.3 V to 2.7 V; IOH = –100 µA
VCC – 0.2
V
VOH
HIGH level output voltage
V
=2 3V; I
=16 mA
195
VCC = 2.3 V; IOH = –16 mA
1.95
VO
LOW level output voltage
VCC = 2.3 V to 2.7 V; IOL = 100 µA
0.2
V
VOL
LOW level output voltage
VCC = 2.3 V; IOL = 16 mA
0.35
V
VCMR
CLK, CLK
Common mode range for reliable performance
0.97
1.53
V
VPP
CLK, CLK
Minimum peak-to-peak input to ensure logic state
360
mV
Data inputs RESET
VCC = 2.7 V; VI = 1.7 V or 0.8 V
V
=1 15Vor1 35 V
0.01
±5
µA
Data inputs, RESET
VCC = 2.7 V; VI = 2.7 V or 0 V
VREF = 1.15 V or 1.35 V
0.01
±5
µA
II
CLK CLK
VCC = 2.7 V; VI = 1.7 V or 0.8 V
V
=1 15Vor1 35 V
0.05
±5
µA
CLK, CLK
VCC = 2.7 V; VI = 2.7 V or 0 V
VREF = 1.15 V or 1.35 V
0.05
±5
µA
VREF
VCC = 2.7 V
VREF = 1.15 V or 1.35 V
0.05
±5
µA
ICC
Quiescent supply current
CLK and CLK in opposite
VCC = 2.7 V; VI = 1.7 V or 0.8 V
RESET = GND
0.5
10
µA
ICC
CLK and CLK in opposite
state1
VCC = 2.7 V; VI = 2.7 V or 0 V
RESET = VCC
10
25
mA
NOTES:
1. When CLK and CLK are HIGH, typical ICC = 25 mA.
2. All typical values are at VCC = 2.5 V and Tamb = 25 °C (unless otherwise specified).


Similar Part No. - SSTV16857DGG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSTV16857 FAIRCHILD-SSTV16857 Datasheet
85Kb / 7P
   14-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Texas Instruments
SSTV16857 TI1-SSTV16857 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
SSTV16857MTD FAIRCHILD-SSTV16857MTD Datasheet
85Kb / 7P
   14-Bit Register with SSTL-2 Compatible I/O and Reset
More results

Similar Description - SSTV16857DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
SSTVF16857DGV PHILIPS-SSTVF16857DGV Datasheet
117Kb / 13P
   DDR PC1600-PC3200 14-bit SSTL_2 registered driver with differential clock inputs
2003 Sep 19
logo
Texas Instruments
SN74SSTV16857 TI1-SN74SSTV16857_13 Datasheet
902Kb / 12P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
SN74SSTL16857 TI-SN74SSTL16857 Datasheet
93Kb / 7P
[Old version datasheet]   14-BIT SSTL_2 REGISTERED BUFFER
SN74SSTV32877 TI1-SN74SSTV32877 Datasheet
392Kb / 12P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
HD74SSTV16857B RENESAS-HD74SSTV16857B Datasheet
3Mb / 16P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857 RENESAS-HD74SSTV16857 Datasheet
252Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
HD74SSTV16857A RENESAS-HD74SSTV16857A Datasheet
215Kb / 11P
   1:1 14-bit SSTL_2 Registered Buffer
logo
Texas Instruments
SN74SSTV32867-EP TI1-SN74SSTV32867-EP Datasheet
359Kb / 11P
[Old version datasheet]   26-BIT REGISTERED BUFFER WITH SSTL_2 INPUTS AND LVCMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com