Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL10354QCF1 Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # ZL10354QCF1
Description  Diversity Enabled Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10354QCF1 Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button ZL10354QCF1 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL10354QCF1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10354QCF1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10354QCF1 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL10354QCF1 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL10354QCF1 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL10354QCF1 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL10354QCF1 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL10354QCF1 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ZL10354
Data Sheet
10
Zarlink Semiconductor Inc.
35
CLK2/GPP0
Serial clock tuner
I/O
Open drain
5
6
36
DATA2/GPP1
Serial data tuner
I/O
5
6
42
AGC1
Primary AGC
O
5
6
41
AGC2/GPP2
Secondary AGC
I/O
5
6
43
GPP(3)
General purpose I/O
I/O
5
6
9
RESET
Device reset
I
CMOS
5
27
OSCMODE
Crystal oscillator mode
I
CMOS
3.3
26
PLLTEST
PLL analog test
O
(tristated)
Analog inputs
30
VIN
positive input
I
31
VIN
negative input
I
34
RFLEV
RF level
I
Supply pins
21
PLLVdd
PLL supply
S
1.8
22
PLLGnd
S
0
7, 19, 37, 39, 59, 64
CVdd
Core logic power
S
1.8
2, 13, 45, 54,
Vdd
I/O ring power
S
3.3
1, 3, 8, 14, 20, 25,
38, 40, 46, 55, 60
Vss
Core and I/O ground
S
0
28
AVdd
ADC analog supply
S
1.8
29, 32
AGnd
S
0
33
Vdd
2nd ADC supply
S
3.3
Pin Description Table (continued)
Pin No
Name
Pin Description
I/O
Type
V
mA


Similar Part No. - ZL10354QCF1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10353QCF ZARLINK-ZL10353QCF Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10353QCF1 ZARLINK-ZL10353QCF1 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10353QCG ZARLINK-ZL10353QCG Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
ZL10353QCG1 ZARLINK-ZL10353QCG1 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
More results

Similar Description - ZL10354QCF1

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CE6353 INTEL-CE6353 Datasheet
478Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV (DTV)
logo
Zarlink Semiconductor I...
ZL10355 ZARLINK-ZL10355 Datasheet
456Kb / 26P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator for PC-TV and Hand-held Digital TV(DTV)
ZL10353 ZARLINK-ZL10353 Datasheet
451Kb / 25P
   Fully Compliant NorDig Unified COFDM Digital Terrestrial TV (DTV) Demodulator
logo
List of Unclassifed Man...
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
PS20355 ETC2-PS20355 Datasheet
2Mb / 25P
   Nordig Unified DVB-T COFDM
logo
Skyworks Solutions Inc.
SI2168-D60 SKYWORKS-SI2168-D60 Datasheet
37Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
November 28, 2021
logo
Silicon Laboratories
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
SI2168-D60 SILABS-SI2168-D60 Datasheet
65Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
logo
List of Unclassifed Man...
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
   COFDM demodulator with USB interface for PC-TV
logo
Silicon Laboratories
SI21682-D60 SILABS-SI21682-D60 Datasheet
162Kb / 2P
   Dual DVB-T2/T/C Digital TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com