Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1722A-27CXTTR Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1722A-27CXTTR
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722A-27CXTTR Datasheet(HTML) 9 Page - Analog Intergrations Corporation

  AIC1722A-27CXTTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1722A-27CXTTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1722A-27CXTTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722A-27CXTTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722A-27CXTTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722A-27CXTTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1722A-27CXTTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1722A-27CXTTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1722A-27CXTTR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AIC1722A
9
TO-92 (CZ)(PZ)
SYMBOL
MIN
MAX
A
4.32
5.33
b
0.36
0.47
D
4.45
5.20
E
3.18
4.19
e
2.42
2.66
e1
1.15
1.39
j
3.43
-
L
12.70
-
S
2.03
2.66
A
e1
e
L
D
S
E
j
b
Note:
Information provided by AIC is believed to be accurate and reliable. However, we cannot assume responsibility for use of any
circuitry other than circuitry entirely embodied in an AIC product; nor for any infringement of patents or other rights of third par-
ties that may result from its use. We reserve the right to change the circuitry and specifications without notice.
Life Support Policy: AIC does not authorize any AIC product for use in life support devices and/or systems. Life support devices
or systems are devices or systems which, (I) are intended for surgical implant into the body or (ii) support or sustain life, and
whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury to the user.


Similar Part No. - AIC1722A-27CXTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A-27XU AIC-AIC1722A-27XU Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1722A-27XXA AIC-AIC1722A-27XXA Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722A-27CXTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com