Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78P7200L-IGT Datasheet(PDF) 10 Page - TDK Electronics

Part # 78P7200L-IGT
Description  E3/DS3/STS-1 Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

78P7200L-IGT Datasheet(HTML) 10 Page - TDK Electronics

Back Button 78P7200L-IGT Datasheet HTML 6Page - TDK Electronics 78P7200L-IGT Datasheet HTML 7Page - TDK Electronics 78P7200L-IGT Datasheet HTML 8Page - TDK Electronics 78P7200L-IGT Datasheet HTML 9Page - TDK Electronics 78P7200L-IGT Datasheet HTML 10Page - TDK Electronics 78P7200L-IGT Datasheet HTML 11Page - TDK Electronics 78P7200L-IGT Datasheet HTML 12Page - TDK Electronics 78P7200L-IGT Datasheet HTML 13Page - TDK Electronics 78P7200L-IGT Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
78P7200L
E3/DS3/STS-1
Transceiver
10
RECEIVER JITTER TOLERANCE
E3 and DS3 jitter tolerance specifications are in ITU-T G.823 and G.824. The test condition can be found in ITU-T
O.171. The E3 specification is the tighter of the two for frequencies greater than 20 kHz. Receive jitter tolerance is
not tested during production test.
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Receiver Jitter Tolerance
12
µHz to 2.78 Hz
10Hz to 600Hz
20 kHz to 800 kHz
18
5
0.15
UI
0.01
0.1
1
10
100
1.E-05
1.E-03
1.E-01
1.E+01 1.E+03 1.E+05 1.E+07
E3
DS3


Similar Part No. - 78P7200L-IGT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
78P7200L PULSE-78P7200L Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - 78P7200L-IGT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/E3 Transceiver
logo
TDK Electronics
78P2243 TDK-78P2243 Datasheet
24Kb / 2P
   Triple E3/DS3/STS-1 Transceiver
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
XF0506-20 XFMRS-XF0506-20 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1345S PCA-EPR1345S Datasheet
76Kb / 1P
   DS3/E3/STS-1 Isolation Transformer
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3582 PCA-EPA3582 Datasheet
16Kb / 1P
   T3/DS3/E3/STS-1 Transformer
logo
Bothhand USA, LP.
S5969 BOTHHAND-S5969 Datasheet
246Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com