Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F498G Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F498G
Description  16-bit Proprietary Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F498G Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F498G Datasheet HTML 1Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 2Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 3Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 4Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 5Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F498G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
MB90495G Series
5
(Continued)
s PACKAGES AND CORRESPONDING PRODUCTS
: available
× : not available
Note : See “Package Dimensions” for details.
s PRODUCT COMPARISON
Memory Size
When evaluating with evaluation chips and other means, take careful note of the different between the evaluation
chip and the chip actually used. Take particular note of the following.
• While the MB90V495G does not feature an on-chip ROM, the dedicated development tool can be used to
achieve operation equivalent to a product with built-in ROM. Therefore, the ROM size is configured by the
development tool.
• On the MB90V495G, the FF4000H to FFFFFFH image is only visible in the 00 bank, and the FE0000H to
FF3FFFH is only visible in the FE and FF banks (configurable on development tool) .
• On the MB90F497G/F498G/497G, the FF4000H to FFFFFFH image is visible in the 00 bank, and the FF0000H
to FF3FFFH is visible only in the FF bank.
Parameter
Part Number
MB90F497G
MB90497G
MB90F498G
MB90V495G
Delayed interrupt generation
module
Module for delayed interrupt generation switching tasks
Used in real-time OS
DTP/external interrupt circuit
Number of inputs : 8
Starting by rising edge, falling edge, “H” level input, or “L” level input, external
interrupts or extended intelligent I/O service (EI2OS) can be used
8/10-bit A/D converter
Number of channels : 8
Resolution : set 10-bit or 8-bit
Conversion time : 6.13
µs (with 16-MHz machine clock, including sampling time)
Continuous conversion of multiple linked channels possible
(up to 8 channels can be set)
One-shot conversion mode : converts selected channel only once
Continuous conversion mode : converts selected channel continuously
Stop conversion mode : converts selected channel and suspends operation
repeatedly
UART0 (SCI)
Number of channels : 1
Clock-synchronous forwarding : 62.5 Kbps to 2 Mbps
Clock-asynchronous forwarding : 1,202 bps to 62,500 bps
Transmission can be performed by two-way serial transmission or by master/
slave connection
UART1 (SCI)
Number of channels : 1
Clock-synchronous forwarding : 62.5 Kbps to 2 Mbps
Clock-asynchronous forwarding : 9,615 bps to 500 Kbps
Transmission can be performed by two-way serial transmission or by master/
slave connection
CAN
Compliant with CAN specification versions 2.0A and 2.0B
Send/receive message buffers : 8
Forwarding bit rate : 10 Kbps to 1 Mbps (with 16-MHz machine clock)
Package
MB90F497G
MB90497G
MB90F498G
FPT-64P-M06
FPT-64P-M09


Similar Part No. - MB90F498G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F498G FUJITSU-MB90F498G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90F498G FUJITSU-MB90F498G Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
MB90F498GPF FUJITSU-MB90F498GPF Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90F498GPF FUJITSU-MB90F498GPF Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
MB90F498GPFM FUJITSU-MB90F498GPFM Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F498G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com