Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC92433 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC92433
Description  1428 MHz Dual Output LVPECL Clock Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC92433 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC92433 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC92433 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Advanced Clock Drivers Devices
10
Freescale Semiconductor
MPC92433
synthesizer, which have an immediate effect on the PLL
frequency.
Figure 3. I2C Mode Register Set
Figure 3 illustrates the synthesizer register set. PLL_L and
PLL_H store a PLL configuration and are fully accessible
(Read/Write) by the I2C bus. CMD (Write only) accepts
commands (LOAD, GET, INC, DEC) to update registers and
for direct PLL frequency changes.
Set the synthesizer frequency:
1) Write the PLL_L and PLL_H registers with a new
configuration (see Table 13 and Table 14 for register
maps)
2) Write the LOAD command to update the PLL dividers
by the current PLL_L, PLL_H content.
Read the synthesizer frequency:
1) Write the GET commands to update the PLL_L,
PLL_H registers by the PLL divider setting
2) Read the PLL_L, PLL_H registers through I2C
Change the synthesizer frequency in small steps:
1) Write the INC or DEC command to change the PLL
frequency immediately. Repeat at any time if desired.
LOAD and GET are inverse command to each other.
LOAD updates the PLL dividers and GET updates the
configuration registers. A fast and convenient way to change
the PLL frequency is to use the INC (increment M) and DEC
(decrement M) commands of the synthesizer. INC (DEC)
directly increments (decrements) the PLL-feedback divider M
and immediately changes the PLL frequency by the smallest
step G (see Table 7 for the frequency granularity G). The INC
and DEC commands are designed for multiple and rapid PLL
frequency changes as required in frequency margining
applications. INC and DEC do not require the user to update
the PLL dividers by the LOAD command, INC and DEC do
not update the PLL_L and PLL_H registers either (use LOAD
for an initial PLL divider setting and, if desired, use GET to
read the PLL configuration). Note that the synthesizer does
not check any boundary conditions such as the VCO
frequency range. Applying the INC and DEC commands
could result in invalid VCO frequencies (VCO frequency
beyond lock range).
Register Maps
Register 0x00 (PLL_L) contains the least significant bits of
the PLL feedback divider M.
Register content:
M[7:0]
PLL feedback-divider M, bits 7–0
Register 0x01 (PLL_H) contains the two most significant
bits of the PLL feedback divider M, four bits to control the PLL
post-dividers N and the PLL pre-divider P. The bit 0 in PLL_H
register indicates the lock condition of the PLL and is set by
the synthesizer automatically. The LOCK state is a copy of
the PLL lock signal output (LOCK). A write-access to LOCK
has no effect.
Register content:
M[9:8]
PLL feedback-divider M, bits 9–8
NA[2:0]
PLL post-divider NA, see Table 9
NB
PLL post-divider NB, see Table 9
P
PLL pre-divider P, see Table 8
LOCK
Copy of LOCK output signal (read-only)
Note that the LOAD command is required to update the
PLL dividers by the content of both PLL_L and PLL_H
registers.
Register 0xF0 (CMD) is a write-only command register.
The purpose of CMD is to provide a fast way to increase or
decrease the PLL frequency and to update the registers. The
register accepts four commands, INC (increment M), DEC
(decrement M), LOAD and GET (update registers). It is
recommended to write the INC, DEC commands only after a
valid PLL configuration is achieved. INC and DEC only affect
the M-divider of the PLL (PLL feedback). Applying INC and
DEC commands can result in a PLL configuration beyond the
specified lock range and the PLL may lose lock. The
MPC92433 does not verify the validity of any commands
such as LOAD, INC, and DEC. The INC and DEC commands
change the PLL feedback divider without updating PLL_L
and PLL_H.
Configuration Latches
I2C Registers
I2C Access
Synthesizer – PLL
PN
M
LOAD/GET
PLL_L (R/W)
0x00
PLL_H (R/W)
0x01
CMD (W)
0xF0
Table 12. Configuration Registers
Address
Name
Content
Access
0x00
PLL_L
Least significant 8 bits of M
R/W
0x01
PLL_H Most significant 2 bits of M, P, NA,
NB, and lock state
R/W
0xF0
CMD
Command register (write only)
W only
Table 13. PLL_L (0x00, R/W) Register
Bit
7654321
0
Name
M7
M6
M5
M4
M3
M2
M1
M0
Table 14. PLL_H (0x01, R/W) Register
Bit
76
5
432
1
0
Name
M9
M8
NA2
NA1
NA0
NB
P
LOCK


Similar Part No. - MPC92433

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
   1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
logo
Motorola, Inc
MPC92432FA MOTOROLA-MPC92432FA Datasheet
453Kb / 20P
   1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92439 IDT-MPC92439 Datasheet
828Kb / 15P
   900MHz, Low Voltage, LVPECL Clock Syntheesizer
logo
Renesas Technology Corp
MPC92439 RENESAS-MPC92439 Datasheet
651Kb / 17P
   900MHz, Low Voltage LVPECL Clock Synthesizer
2019
More results

Similar Description - MPC92433

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
   1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
logo
Integrated Device Techn...
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
   1360MHz Dual Output LVPECL Clock Synthesizer
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
logo
Freescale Semiconductor...
MPC9239 FREESCALE-MPC9239 Datasheet
358Kb / 14P
   900 MHz Low Voltage LVPECL Clock Synthesizer
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
logo
Renesas Technology Corp
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com