Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX98905BFC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MX98905BFC
Description  The MX98905 is designed for easy implementation of CSMA/CD local area networks,
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX98905BFC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MX98905BFC Datasheet HTML 1Page - List of Unclassifed Manufacturers MX98905BFC Datasheet HTML 2Page - List of Unclassifed Manufacturers MX98905BFC Datasheet HTML 3Page - List of Unclassifed Manufacturers MX98905BFC Datasheet HTML 4Page - List of Unclassifed Manufacturers MX98905BFC Datasheet HTML 5Page - List of Unclassifed Manufacturers MX98905BFC Datasheet HTML 6Page - List of Unclassifed Manufacturers MX98905BFC Datasheet HTML 7Page - List of Unclassifed Manufacturers MX98905BFC Datasheet HTML 8Page - List of Unclassifed Manufacturers MX98905BFC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
P/N: PM0365
1
FEATURES
• Control
– Controller and integrated bus interface total solu-
tion for IEEE 802.3, 10BASE5, 10BASE2 and
10BASE-T
– Software-compatible with industry standard
Ethernet adapters:
* Novell®'s NE 2000
* Western Digital/SMC's (8003E, 8003EBT,
8013EBT)
– Selectable buffer memory size
– No external bus logic or drivers
– Integrated controller, MCC and transceiver
– Full IEEE 802.3 AUI interface
– Single 5V supply
– Software-compatible with DP8390, DP83901
and DP83902
– Efficient buffer management implementation
• MCC module (Manchester Code Converter, also
called ENDEC)
– 10 Mbit/s Manchester encoding/decoding
– Squelch on receive and collision pairs
• TPI module (10BASE-T) transceiver
– Transmitter and receiver functions
– Collision detect, heartbeat and jabber
– Selectable link integrity test or link disable
– Polarity detection/correction
• Provides more powerful functions than NS DP83905
– Supports 15 I/O bases instead of 7
– Direct ID PROM access through I/O port instead
of through remote DMA
– Auto configuration function-supported makes
jumperless more powerful
– Solution for multiple LAN cards I/O bases conflict
problem to make manufacture more efficient.
– Supports "write ID back to EEPROM" function
instead of just writing configuration back to
EEPROM to make manufacture more efficient.
– Modify current configurations without turning off
power
– Variety of EEPROM supported
GENERAL DESCRIPTION
The MX98905 is designed for easy implementation of
CSMA/CD local area networks, which include
Ethernet® (10BASE5), Thin Ethernet (10BASE2), and
Twisted-pair Ethernet (10BASE-T).
The Media Ac-
cess Control (MAC) and Encode-Decode (ENDEC)
are provided with an AUI interface. The 10BASE-T
transceiver functions according to the IEEE 802.3
standards, and the MX98905 10BASE-T transceiver
operations in compliance with the IEEE standard.
The functional block of the MX98905 consists of the
integration of the entire bus interface for PC-AT®
(Industry Standard Architecture, ISA) bus-based sys-
tems, receiver, transmitter, collision, heartbeat,
loopback, jabber, and link integrity blocks.
When
combined with equalization resistors, the transceiver
transmits or receives filters, and pulse transformers
provide physical interface from the ENDEC module of
the MX98905 and the twisted-pair medium.
When software and hardware are properly configured,
the MX98905 can be set to be compatible with either
the NE2000 or EtherCard PLUS16™. All bus drivers
and control logic are integrated inside the chip to
reduce LAN card cost and area.
Manchester encoding and decoding is made possible
through the integrated ENDEC by means of a differ-
ential transceiver and phase lock loop decoder at 10
Mbit/sec. Collision detect translator and diagnostic
loopback capability are included in this process.
Interfacing directly with the transceiver module, the
ENDEC module also provides a fully IEEE-compliant
AUI (Attachment Unit Interface) to connect with other
media transceivers.
The Media Access Control function, provided by the
Ethernet Network Control (ENC) module, effects an
efficient packet transmission and reception control
through unique dual DMA channels and an internal
FIFO. To lessen board cost and area overheads, bus
arbitration and memory control logic are integrated.
Designed for easy interface with other transceivers by
means of the AUI interface, the MX98905 provides a
thorough
single chip solution for 10BASE-T IEEE
802.3 network.
Constraints of CMOS processing require that
isolation, whether capacitive or inductive, be used at
the AUI differential signal interface for 10BASE5 and
10BASE2 applications.
REV. 1.3, NOV 20 ,1995
MX98905B


Similar Part No. - MX98905BFC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX98224EC ETC-MX98224EC Datasheet
274Kb / 38P
   24-port Dual-Speed Ethernet Switch Controller
logo
Macronix International
MX98704 MCNIX-MX98704 Datasheet
89Kb / 15P
   100BASE-TX PHYSICAL DATA TRANSCEIVER
MX98704EC MCNIX-MX98704EC Datasheet
89Kb / 15P
   100BASE-TX PHYSICAL DATA TRANSCEIVER
MX98704QC MCNIX-MX98704QC Datasheet
89Kb / 15P
   100BASE-TX PHYSICAL DATA TRANSCEIVER
MX98715 MCNIX-MX98715 Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
More results

Similar Description - MX98905BFC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5676 AD-AD5676 Datasheet
1Mb / 28P
   Easy implementation
logo
Murata Power Solutions ...
KMP-1605 MURATA-PS-KMP-1605 Datasheet
371Kb / 2P
   Lan-Pak for CSMA/CD Systems
logo
List of Unclassifed Man...
RT3070 ETC1-RT3070 Datasheet
1Mb / 60P
   IEEE802.11 b/g/n Wireless Local Area Networks
FID3Z1LX ETC1-FID3Z1LX Datasheet
248Kb / 6P
   The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
FID3Z2KX ETC1-FID3Z2KX Datasheet
254Kb / 6P
   The FID3Z2KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
logo
E-Tech Electronics LTD
G9018 ETL-G9018 Datasheet
170Kb / 2P
   The G9018 is designed for use in AM/FM amplifier and local oscillator of FM/VHF tuner
logo
Honeywell Solid State E...
HFD7000-212 HONEYWELL-HFD7000-212 Datasheet
366Kb / 4P
   Designed to meet industrial LAN (Local Area Network) specificatons
logo
Murata Manufacturing Co...
VFS9VD31B223Q93 MURATA1-VFS9VD31B223Q93_V01 Datasheet
346Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
VFS9VD31B223Q91 MURATA1-VFS9VD31B223Q91_V01 Datasheet
346Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
VFS9VD31B223Q55 MURATA1-VFS9VD31B223Q55_V01 Datasheet
286Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com