Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS6B60K Datasheet(PDF) 7 Page - International Rectifier

Part # IRGS6B60K
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS6B60K Datasheet(HTML) 7 Page - International Rectifier

Back Button IRGS6B60K Datasheet HTML 3Page - International Rectifier IRGS6B60K Datasheet HTML 4Page - International Rectifier IRGS6B60K Datasheet HTML 5Page - International Rectifier IRGS6B60K Datasheet HTML 6Page - International Rectifier IRGS6B60K Datasheet HTML 7Page - International Rectifier IRGS6B60K Datasheet HTML 8Page - International Rectifier IRGS6B60K Datasheet HTML 9Page - International Rectifier IRGS6B60K Datasheet HTML 10Page - International Rectifier IRGS6B60K Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IRG/B/S/SL6B60K
www.irf.com
7
Fig. 17 - Typical Gate Charge vs. VGE
ICE = 5.0A; L = 600µH
Fig. 16- Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
1
10
100
VCE (V)
1
10
100
1000
Cies
Coes
Cres
0
5
10
15
20
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
300V
400V
Fig 18. Maximum Transient Thermal Impedance, Junction-to-Case (IGBT)
1E-6
1E-5
1E-4
1E-3
1E-2
1E-1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.708
0.00022
0.447
0.00089
0.219
0.01037
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
τ
C
Ci= i
/Ri
Ci=
τi/Ri


Similar Part No. - IRGS6B60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS6B60KD IRF-IRGS6B60KD Datasheet
307Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS6B60KD IRF-IRGS6B60KD Datasheet
307Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS6B60KDPBF IRF-IRGS6B60KDPBF Datasheet
316Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS6B60KDPBF IRF-IRGS6B60KDPBF Datasheet
316Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGS6B60KDPBF IRF-IRGS6B60KDPBF_15 Datasheet
316Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGS6B60K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com