Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4H510838B-N Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4H510838B-N
Description  512Mb B-die DDR SDRAM Specification 54 sTSOP-II (400mil x 441mil)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H510838B-N Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4H510838B-N Datasheet HTML 3Page - Samsung semiconductor K4H510838B-N Datasheet HTML 4Page - Samsung semiconductor K4H510838B-N Datasheet HTML 5Page - Samsung semiconductor K4H510838B-N Datasheet HTML 6Page - Samsung semiconductor K4H510838B-N Datasheet HTML 7Page - Samsung semiconductor K4H510838B-N Datasheet HTML 8Page - Samsung semiconductor K4H510838B-N Datasheet HTML 9Page - Samsung semiconductor K4H510838B-N Datasheet HTML 10Page - Samsung semiconductor K4H510838B-N Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Rev. 1.3 June. 2005
DDR SDRAM
DDR SDRAM 512Mb B-die (x8)
6.0 Block Diagram (16Mb x 8 I/O x4 Banks)
Bank Select
Timing Register
Data Input Register
Serial to parallel
8Mx16
8Mx16
8Mx16
8Mx16
Column Decoder
Latency & Burst Length
Programming Register
CK, CK
ADD
LCKE
CK, CK
CKE
CS
RAS
CAS
WE
DM
LDM
CK, CK
LCAS
LRAS LCBR
LWE
LWCBR
CK, CK
x16
x16
x8
x8
LWE
LDM
x8
DQi
Data Strobe


Similar Part No. - K4H510838B-N

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H510838B-GC/LA2 SAMSUNG-K4H510838B-GC/LA2 Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510838B-GC/LB0 SAMSUNG-K4H510838B-GC/LB0 Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510838B-GC/LB3 SAMSUNG-K4H510838B-GC/LB3 Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510838B-GC/LCC SAMSUNG-K4H510838B-GC/LCC Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510838B-TC/LA2 SAMSUNG-K4H510838B-TC/LA2 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
More results

Similar Description - K4H510838B-N

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H560438E-NC SAMSUNG-K4H560438E-NC Datasheet
214Kb / 24P
   256Mb E-die DDR SDRAM Specification 54pin sTSOP(II)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
   256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H511638 SAMSUNG-K4H511638 Datasheet
212Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H510438G SAMSUNG-K4H510438G Datasheet
355Kb / 24P
   512Mb G-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com