Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRD7523AIK-J Datasheet(PDF) 3 Page - Exar Corporation

Part # XRD7523AIK-J
Description  15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD7523AIK-J Datasheet(HTML) 3 Page - Exar Corporation

  XRD7523AIK-J Datasheet HTML 1Page - Exar Corporation XRD7523AIK-J Datasheet HTML 2Page - Exar Corporation XRD7523AIK-J Datasheet HTML 3Page - Exar Corporation XRD7523AIK-J Datasheet HTML 4Page - Exar Corporation XRD7523AIK-J Datasheet HTML 5Page - Exar Corporation XRD7523AIK-J Datasheet HTML 6Page - Exar Corporation XRD7523AIK-J Datasheet HTML 7Page - Exar Corporation XRD7523AIK-J Datasheet HTML 8Page - Exar Corporation XRD7523AIK-J Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP7523/XRD7523
3
Rev. 3.00
ELECTRICAL CHARACTERISTICS
(VDD = + 15 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution (All Grades)
N
8
8
Bits
Integral Non-Linearity
INL
LSB
Best Fit Straight Line
(Relative Accuracy)
(Max INL – Min INL) / 2
J+1/2
+1/2
K+1/4
+1/4
Monotonicity
Guaranteed over temp
Differential Non-Linearity
DNL
LSB
All grades monotonic over full
J+1+1
temperature range.
K+1+1
Gain Error
GE
+1.5
+1.8
%
Using Internal RFB
J
Digital Inputs = VINH
K
Power Supply Rejection Ratio
PSRR
+200
+300
ppm/%
|∆Gain/∆VDD| ∆VDD = + 5%
J
Digital Inputs = VINH
K
Output Leakage Current (Pin 1)
IOUT1
+50nA
+200nA
nA
Digital Inputs = VINL
J
K
Output Leakage Current (Pin 2)
IOUT2
+50nA
+200nA
nA
Digital Inputs = VINH
J
K
REFERENCE INPUT
Input Resistance
RIN
5
20
5
20
k
VOUT1 = VOUT2 = 0 V
DIGITAL INPUTS
Logical “1” Voltage
VIH
14.5
14.5
V
Logical “0” Voltage
VIL
0.5
0.5
V
Input Leakage Current
ILKG
+1+1
µA
ANALOG OUTPUTS
Output Capacitance2
COUT1
100
100
pF
DAC Inputs all 1’s
COUT1
30
30
pF
DAC Inputs all 0’s
COUT2
30
30
pF
DAC Inputs all 1’s
COUT2
100
100
pF
DAC Inputs all 0’s


Similar Part No. - XRD7523AIK-J

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD4460ADIV EXAR-XRD4460ADIV Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD4460CIV EXAR-XRD4460CIV Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD44L60 EXAR-XRD44L60 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
More results

Similar Description - XRD7523AIK-J

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
   15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
   15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
   5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
   5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com