Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1722A-52PUBG Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1722A-52PUBG
Description  300mA Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722A-52PUBG Datasheet(HTML) 8 Page - Analog Intergrations Corporation

  AIC1722A-52PUBG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1722A-52PUBG Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AIC1722A
PHYSICAL DIMENSIONS (unit: mm)
SOT-23 (CU) (PU)
SYMBOL
MIN
MAX
A
0.95
1.45
A1
0.05
0.15
A2
0.90
1.30
b
0.30
0.50
c
0.08
0.22
D
2.80
3.00
E
2.60
3.00
E1
1.50
1.70
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.60
L1
0.60 REF
E
D
E1
e1
e
A1
A
A2
b
0.25
L1
L
θ
c
θ
SOT-89 (CXX) (PXX)
SYMBOL
MIN
MAX
A
1.40
1.60
B
0.44
0.56
B1
0.36
0.48
C
0.35
0.44
D
4.40
4.60
D1
1.50
1.83
E
2.29
2.60
e
1.50 BSC
e1
3.00 BSC
H
3.94
4.25
B1
e
H
e1
D
D1
A
C
L
E
B
L
0.89
1.20
8


Similar Part No. - AIC1722A-52PUBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A-52XXA AIC-AIC1722A-52XXA Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722A-52PUBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com